Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS2-NSAGAAA0888030EC Datasheet(PDF) 2 Page - Evolt

Part # CAS2-NSAGAAA0888030EC
Description  CASCADE 2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

CAS2-NSAGAAA0888030EC Datasheet(HTML) 2 Page - Evolt

  CAS2-NSAGAAA0888030EC Datasheet HTML 1Page - Evolt CAS2-NSAGAAA0888030EC Datasheet HTML 2Page - Evolt CAS2-NSAGAAA0888030EC Datasheet HTML 3Page - Evolt CAS2-NSAGAAA0888030EC Datasheet HTML 4Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
COLOUR TEMPERATURE
CCT
3000 K
Luminaire Lumens
0880 lm
All photometric data has a tolerance of ±10%. Luminaire lumens refers to the
exit lumens or delivered lumens from the luminaire.
DRIVER
Dimmable
No
Driver Mode
Constant Current
Driver Type
Fixed output
Wiring Type
Hardwired
Driver Current
300 mA
PSTLM
0.01
Short Term Light Modulation (PstLM): The requirement is that PstLM should be
less than or equal to 1.0. This metric measures the short-term flicker severity
and ensures that flicker is not perceptible or is at a level that does not cause
discomfort or health issues.
SVM
0.005
Stroboscopic Visibility Measure (SVM): The requirement for SVM is that it
should be less than or equal to 0.4. The SVM metric assesses the visibility of the
stroboscopic effect, which can make moving objects appear to be stationary or
moving in discrete steps, thus ensuring that this effect is minimized in lighting
environments to prevent visual discomfort and safety hazards.
COMPLIANCE
Product Design Life
10 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Daily Use
13 hrs
The Daily Use is the recommended time required to meet the product's design
life. Installations can exceed this time, however the product design life will be
reduced proportionally.
Standards
AS/NZS 60598.1
AS/NZS 60598.2.1
AS/NZS 61347.1
AS/NZS 61347.2.13
IEC/TR 62778
WARRANTY
Commercial Use Warranty
5 RTB (Total 5 Years)
Warranty Operating Hours
40000 hrs
This product is provided with a warranty up until the stated warranty period or
until the stated warranty operating hours has been reached (whichever occurs
first).
DIMENSIONS
Product Height
65 mm
Product Length
336 mm
Product Width
210 mm
All dimensions are +/- 1mm.
LINE DRAWINGS
CAS2/NSAGAAA0888030EC
PHOTOMETRICS
CAS2/NSAGAAA0888030EC
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com