Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10GXUTPCMRPATCHCORDS Datasheet(PDF) 1 Page - Belden Inc.

Part # 10GXUTPCMRPATCHCORDS
Description  10GX UTP CMR Patch Cords
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

10GXUTPCMRPATCHCORDS Datasheet(HTML) 1 Page - Belden Inc.

  10GXUTPCMRPATCHCORDS Datasheet HTML 1Page - Belden Inc. 10GXUTPCMRPATCHCORDS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 10GX UTP CMR PATCH CORDS
10GX UTP CMR Patch Cords
Product Description
10GX UTP CMR Patch Cords
Technical Specifications
Product Overview
Suitable Applications:
IBDN System 10GX, TIA Category 6A, ISO Class EA, 10GBASE-T
Physical Characteristics (Overall)
Total Number of Pairs:
4
Overall Nominal Diameter:
0.265 in
Wiring Scheme:
T568A/B-T568A/B
Packaging:
Individually packaged in a clear plastic bag.
Connectors
Materials
Description
Material
Color
Boot
Elastomer
Translucent
Conductor
BC - Bare Copper
Front Connection Blades Phosphor Bronze with 50u inch Gold over Nickel Plating
Inner Jacket
PVC - Polyvinyl Chloride
Insulation
PO - Polyolefin
Outer Jacket
PVC - Polyvinyl Chloride
Electrical Characteristics
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max Contact Resistance:
20 mOhm
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Min Bend Radius (Overall Cable): 1.040 in
Plug /Jack Compatibility:
RJ45
Termination Interface
Connection
Durabilities
Mated Connection 750 Cycles


Similar Part No. - 10GXUTPCMRPATCHCORDS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GXUTPCMRPRE-TERM6 BELDEN-10GXUTPCMRPRE-TERM6 Datasheet
178Kb / 2P
10GX UTP CMR Pre-Term 6
Product Description
10GXUTPCMRPRE-TERM8 BELDEN-10GXUTPCMRPRE-TERM8 Datasheet
170Kb / 1P
10GX UTP CMR Pre-Terminated 8
11-14-2022
More results

Similar Description - 10GXUTPCMRPATCHCORDS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Belden Inc.
10GX62F BELDEN-10GX62F Datasheet
266Kb / 4P
CAT6A 10GX Bonded-Pair, 4pr, F/UTP, PVC Jkt, CMR
10GXS12 BELDEN-10GXS12 Datasheet
261Kb / 4P
CAT6A 10GX Small Diameter, 4pr, UTP, PVC Jkt, CMR
RVAFPUBK-S1 BELDEN-RVAFPUBK-S1 Datasheet
119Kb / 3P
Modular Connectors - REVConnect Plug 10GX UTP
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
logo
Belden Inc.
10GX12 BELDEN-10GX12 Datasheet
183Kb / 3P
10GX Category 6A Enhanced Cable, 4 Pair, U/UTP, CMR
2022 Belden, Inc
10GX32 BELDEN-10GX32 Datasheet
171Kb / 3P
10GX Category 6A Enhanced Cable, 4 Bonded-Pairs, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com