Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9218 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN9218
Description  High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9218 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN9218 Datasheet HTML 35Page - SMSC Corporation LAN9218 Datasheet HTML 36Page - SMSC Corporation LAN9218 Datasheet HTML 37Page - SMSC Corporation LAN9218 Datasheet HTML 38Page - SMSC Corporation LAN9218 Datasheet HTML 39Page - SMSC Corporation LAN9218 Datasheet HTML 40Page - SMSC Corporation LAN9218 Datasheet HTML 41Page - SMSC Corporation LAN9218 Datasheet HTML 42Page - SMSC Corporation LAN9218 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
SMSC
LAN9218
39
Revision 1.8 (06-06-07)
DATASHEET
3.9.3.2
Energy Detect Power-Down
This power-down mode is activated by setting the Phy register bit 17.13 to 1. Please refer to Section
5.5.8, "Mode Control/Status," on page 110 for additional information on this register. In this mode when
no energy is present on the line, the PHY is powered down, with the exception of the management
interface, the SQUELCH circuit and the ENERGYON logic. The ENERGYON logic is used to detect
the presence of valid energy from 100Base-TX, 10Base-T, or Auto-negotiation signals
In this mode, when the ENERGYON signal is low, the PHY is powered-down, and nothing is
transmitted. When energy is received - link pulses or packets - the ENERGYON signal goes high, and
the PHY powers-up. It automatically resets itself into the state it had prior to power-down, and asserts
the INT7.1 bit of the register defined in Section 5.5.11, "Interrupt Source Flag," on page 113. If the
ENERGYON interrupt is enabled, this event will cause an interrupt to the host. The first and possibly
the second packet to activate ENERGYON may be lost. When 17.13 is low, energy detect power-down
is disabled.
3.10
Detailed Reset Description
The LAN9218 has five reset sources:
Power-On Reset (POR)
Hardware Reset Input Pin (nRESET)
Soft Reset (SRST)
PHY Soft Reset via PMT_CTRL bit 10 (PHY_RST)
PHY Soft Reset via PHY Basic Control Register (PHY REG 0.15)
Table 3.10 shows the effect of the various reset sources on the LAN9218's circuitry.
Note 3.10 After any PHY reset, the application must wait until the “Link Status” bit in the PHY’s “Basic
Status Register” (PHY Reg. 1.2) is set before attempting to transmit or receive data.
Note 3.11
After a POR, nRESET or SRST, the LAN9218 will automatically check for the presence
of an external EEPROM. After any of these resets the application must verify that the EPC
Busy Bit (E2P_CMD, bit 31) is cleared before attempting to access the EEPROM, or
change the function of the GPO/GPIO signals, or before modifying the ADDRH or ADDRL
registers in the MAC.
Note 3.12 HBI - “Host Bus Interface”, NASR - Not affected by software reset.
Table 3.10 Reset Sources and Affected Circuitry
RESET
SOURCE
PLL
HBI
Note
3.12
NASR
REGISTERS
Note 3.12
MIL
MAC
PHY
Note 3.10
EEPROM MAC
ADDR.
RELOAD
Note 3.11
CONFIG.
STRAPS
LATCHED
POR
XX
X
X
X
X
X
X
nRESET
XX
X
X
X
X
X
X
SRST
XX
X
X
PHY_RST
X
PHY REG 0.15
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com