Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDMC6D28NP-R20MB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDMC6D28NP-R20MB
Description  POWER INDUCTORS Type: CDMC Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC6D28NP-R20MB Datasheet(HTML) 2 Page - Sumida Corporation

  CDMC6D28NP-R20MB Datasheet HTML 1Page - Sumida Corporation CDMC6D28NP-R20MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDMC Series>
Type: CDMC6D28
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
Part Name
※
Stamp
Inductance
[
Within]
(μH)
※
1
D.C.R.
Max.
(mΩ)
(at 20℃)
Saturation
Current
(A)
(
at 20℃)
Temperature
rise
current
(A) ※4
CDMC6D28NP-R2ØM□
R20
0.20±20%
2.5 (2.1)
21.7 (27.2)
17.4 (19.8)
CDMC6D28NP-R3ØM□
R30
0.30±20%
3.2 (2.7)
15.4 (19.3)
16.1 (18.2)
CDMC6D28NP-R47M□
R47
0.47±20%
4.2 (3.5)
13.6 (17.0)
14.0 (15.9)
CDMC6D28NP-R68M□
R68
0.68±20%
5.4 (4.5)
11.3 (14.2)
12.1 (13.7)
CDMC6D28NP-1RØM□
1R0
1.0±20%
8.8 (7.3)
8.8 (11.0)
9.5 (10.8)
CDMC6D28NP-1R5M□
1R5
1.5±20%
12.5 (10.4)
7.3 (9.2)
7.6 (8.6)
CDMC6D28NP-2R2M□
2R2
2.2±20%
19.3 (16.1)
6.0 (7.6)
6.0 (6.8)
CDMC6D28NP-3R3M□
3R3
3.3±20%
30.6 (25.5)
5.0 (6.3)
4.9 (5.5)
CDMC6D28NP-4R7M□
4R7
4.7±20%
46.4 (38.7)
4.3 (5.4)
3.7 (4.2)
※
Description of part name
CDMC6D28NP-R20M□
※
1. Measuring frequency:1MHz
※
2. (
) is typical value.
※
3. Saturation current: This indicates DC current at which the inductance decreases to 80% of its initial
value.
※
4. The temperature rise: The DC current at which the temperature rise is △T=40℃(Ta=20℃).
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com