Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC370 Datasheet(PDF) 2 Page - DFI Inc

Part # BPC370
Description  Intel Pentium®/Celeron®Processor N3000 37" Bar Type Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BPC370 Datasheet(HTML) 2 Page - DFI Inc

  BPC370 Datasheet HTML 1Page - DFI Inc BPC370 Datasheet HTML 2Page - DFI Inc BPC370 Datasheet HTML 3Page - DFI Inc BPC370 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BPC370-BW
Specifications
SYSTEM
Processor
Intel® Pentium®/Celeron® Processor N3000 Family, BGA 1170
Intel® Pentium® Processor N3710, Quad Core, 2M Cache, 1.6GHz (2.56GHz), 6W
Memory
One 204-pin SODIMM up to 8GB
(4GB DDR3L memory by default)
Single Channel DDR3L 1600MHz
BIOS
Insyde SPI 64Mbit
DISPLAY AND
TOUCH SCREEN
Display
37” 1920x540 TFT LCD Panel
Brightness
700 cd/m² (1000 cd/m² available upon request)
Contrast
4000:1
Backlight Lifetime
70,000 hours
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x VGA
1 x DP++
VGA: resolution up to 2560X1600 @ 60Hz
DP: resolution up to 3840x2160 @ 30Hz or 2560x1600 @ 60Hz
Dual Display
VGA + DP++
STORAGE
1 x Full-size Mini PCIe (mSATA)
EXPANSION
Interface
1 x Half-size Mini PCIe (PCIe/USB)
1 x SIM (available upon request)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
2 x Intel® I211AT PCIe (10/100/1000Mbps)
LED
Indicators
1 x Power LED
BOTTOM I/O
Ethernet
2 x GbE (RJ-45) (10/100/1000Mbps)
Serial
2 x RS-232/RS422/RS485 (DB-9)
USB
4 x USB 3.0 (type A)
Display
1 x VGA
1 x DP++
Audio
Speaker 2W+2W (available upon request)
Buttons
1 x Power Button
Antenna Connectors
3 x Antenna Hole for Wi-Fi or Cell Module
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
AC Input 110V ~ 240V
Connector
C14 Power Inlet
OS SUPPORT
Windows 7 (32/64-bit)
Windows 8.1 (64-bit)
Windows 10 IoT Enterprise (32/64-bit)
Linux
MECHANISM
Construction
Sheet Metal
IP Rating
IP65 Front Protection Glass (available upon request)
Mounting
VESA Mount
Dimensions (W x H x D) 948.1mm x 305.1mm x 75.3mm
Weight
11.15 kg
ENVIRONMENT
Operating Temperature
-5 to 50°C
Storage Temperature
-10 to 65°C
Relative Humidity
5 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Non-OP: Half-sine, 5G @ 11ms
Vibration
Non-OP: Sweep sine, 3Grms @ 10~500Hz, 30min
Certifications
CE, FCC (to be applied)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com