Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES220F-CS Datasheet(PDF) 1 Page - DFI Inc

Part # ES220F-CS
Description  8th/9th Gen Intel® CoreTM Compact Fanless Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ES220F-CS Datasheet(HTML) 1 Page - DFI Inc

  ES220F-CS Datasheet HTML 1Page - DFI Inc ES220F-CS Datasheet HTML 2Page - DFI Inc ES220F-CS Datasheet HTML 3Page - DFI Inc ES220F-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8th/9th Gen Intel® CoreTM
Compact Fanless Embedded System
ES220F-CS C246Q370
H310
KEY FEATURES
DDR4
2 x DDR4 SODIMM up to 64GB
Triple Storage
1 x M.2 SSD + 2 x 2.5" SSD (option)
Two HDMI 2.0
2 x HDMI 2.0 Supports 4K@60Hz resolution
Rich I/O
2 x Intel GbE, 4 x USB 3.1, 2 x USB 2.0, 2 x COM
RAID Support
RAID support NAS/Server application
PANEL
Power Button
USB 3.1
HDMI 2.0
Lan 1~2
USB 2.0
COM
ES220F-CS (1 Storage)
Rear View
Front View
ES220F-CS (1 Storage)
ES220F-CS (3 Storage)
Front View
Rear View
ES220F-CS (3 Storage)
Power Button
USB 3.1
HDMI 2.0
Lan 1~2
Status LED,
Reset Button
Status LED,
Reset Button
USB 2.0
COM


Similar Part No. - ES220F-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
ES220-CS DFI-ES220-CS Datasheet
1Mb / 6P
Compact Embedded System
More results

Similar Description - ES220F-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
logo
Advantech Co., Ltd.
EPC-C301 ADVANTECH-EPC-C301 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
logo
AAEON Technology
BOXER-6641-PRO AAEON-BOXER-6641-PRO Datasheet
527Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
logo
BCM Advanced Research.
EPC-WHL-DIN-RAIL BCM-EPC-WHL-DIN-RAIL Datasheet
487Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPC-WHL BCM-EPC-WHL Datasheet
135Kb / 1P
8th Gen Intel® Whiskey Lake Fanless Tiny System
2021/05/08
EPS-CFS BCM-EPS-CFS Datasheet
406Kb / 1P
Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
2020/04/27
logo
AAEON Technology
BOXER-6839-CFL AAEON-BOXER-6839-CFL Datasheet
614Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com