Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC27 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC27
Description  High Speed CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC27 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC27 Datasheet HTML 1Page - Silicon Supplies 54HC27 Datasheet HTML 2Page - Silicon Supplies 54HC27 Datasheet HTML 3Page - Silicon Supplies 54HC27 Datasheet HTML 4Page - Silicon Supplies 54HC27 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
d 
High Speed CMOS Logic – 54HC27
Rev 1.0
22/04/19
 
 
Pad Layout and Functions
COORDINATES (mm)
PAD
FUNCTION
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Logic Diagram
Truth Table
INPUTS
OUTPUT
A
B
C
Y
H
X
X
L
X
H
X
L
X
X
H
L
L
L
L
H
H = High level (steady state)
L = Low level (steady state)
X = don’t care
 
X
Y
0,0
1270µm (50 mils)
13 
14
1
2
3
4
5
6
7
8
9
10 
11
12 
1
1A
0.129
0.442
2
1B
0.132
0.124
3
2A
0.433
0.133
4
2B
0.751
0.133
5
2C
1.017
0.148
6
2Y
1.047
0.392
7
GND
1.047
0.561
8
3Y
1.047
0.828
9
3A
1.017
1.073
10
3B
0.751
1.088
11
3C
0.433
1.088
12
1Y
0.262
1.095
13
1C
0.128
0.838
14
VCC
0.129
0.606
CONNECT CHIP BACK TO VCC OR FLOAT
 
Page 2 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com