Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM117 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM117
Description  Linear Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM117 Datasheet(HTML) 2 Page - Silicon Supplies

  LM117 Datasheet HTML 1Page - Silicon Supplies LM117 Datasheet HTML 2Page - Silicon Supplies LM117 Datasheet HTML 3Page - Silicon Supplies LM117 Datasheet HTML 4Page - Silicon Supplies LM117 Datasheet HTML 5Page - Silicon Supplies LM117 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
d
Linear Voltage Regulator – LM117
Rev 1.0
03/03/18
Typical Application
VOUT
LM117
CI
0.1µf
CO
1µf
VIN
CI is required if the regulator is located an appreciable distance from power supply filter. CO is not required
for stability; however it does improve transient response. For optimum stability and transient response locate
CI CO as close as possible to the regulator.
ADJ
1630µm (64.17 mils)
0,0
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
VOUT
0.073
1.637
2
ADJ
0.073
0.073
3
VOUT
1.400
0.331
4
VIN (x2 wire)
0.773
0.714
5
VOUT
1.400
1.402
6
NC
0.641
1.715
7
NC
0.512
1.715
8
NC
0.383
1.715
9
NC
0.254
1.715
NC = NO CONNECT
CONNECT CHIP BACK TO VOUT
Pad Layout and Functions
8
7
6
5
9
1
3
2
4
DIE ID
R1
R2
1.2V–25V Adjustable Regulator
VOUT = 1.25V (1 +
+ IADJ * R2
R2
R1
)
IADJ tolerance <100µA
Page 2 of 6
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com