Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 3 Page - Silicon Supplies

Part # LM317
Description  Linear Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM317 Datasheet(HTML) 3 Page - Silicon Supplies

  LM317 Datasheet HTML 1Page - Silicon Supplies LM317 Datasheet HTML 2Page - Silicon Supplies LM317 Datasheet HTML 3Page - Silicon Supplies LM317 Datasheet HTML 4Page - Silicon Supplies LM317 Datasheet HTML 5Page - Silicon Supplies LM317 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
www.siliconsupplies.com
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Voltage
VREF
3V ≤ |VIN -VOUT| ≤ 40V,
10mA ≤ IOUT ≤ IMAX
1.2
1.25
1.30
V
3V ≤ |VIN - VOUT| ≤ 40V, TJ = 25°C
-
0.01
0.04
Line Regulation
2
ΔVOUT
3V ≤ |VIN - VOUT| ≤ 40V
0.02
0.07
% / VOUT
VIN ≤ 5V,10mA ≤ IOUT ≤ IMAX, TJ =25°C
-
5
25
mV
VIN ≥ 5V,10mA ≤ IOUT ≤ IMAX, TJ =25°C
-
0.1
0.5
% / VOUT
VIN ≤ 5V,10mA ≤ IOUT ≤ IMAX
-
20
70
mV
Load Regulation
2
ΔVOUT
VIN ≥ 5V,10mA ≤ IOUT ≤ IMAX
-
0.3
1.5
% / VOUT
Thermal Regulation
-
20ms pulse, TJ = 25°C
-
0.03
0.07
% / W
Adjustment Pin
Current
IADJ
-
50
100
µA
Adjustment Pin
Current Change
ΔIADJ
2.5V ≤ |VIN - VOUT| ≤ 40V,
10mA ≤ IL ≤ IMAX, PD ≤ PMAX
-
0.2
5.0
µA
Temperature
Stability
-
TLOW ≤ TJ ≤ THIGH
-
1
-
%
Minimum Load
Current
IL
|VIN – VOUT| = 40V
-
3.5
10
mA
|VIN – VOUT| ≤ 15V, P ≤ 20W
1.5
2.2
-
Output Current
Limit
3
IMAX
|VIN – VOUT| = 40V, P ≤ 20W,TJ = 25°C
0.15
0.40
-
A
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Input–Output Voltage differential
VIN - VOUT
40
V
Power Dissipation
PD
Internally Limited
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 to 150
°C
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
2. Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due
to heating effects are covered under the specifications for thermal regulation.
Linear Voltage Regulator – LM317
Rev 1.0
03/03/18
PARAMETER
SYMBOL
MIN
MAX
UNIT
Output Voltage
VOUT
1.25
37
V
Input–Output Voltage differential
VIN - VOUT
4
40
V
Output Current
IOUT
0.01
1.5
A
Operating Junction Temperature Range
TJ
0 to 125
°C
Recommended Operating Conditions
DC Electrical Characteristics, V
lN -VOUT=5V, lOUT=0.5A, IMAX = 1.5A, TJ = 0°C to +125°C( unless noted otherwise)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com