Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358 Datasheet(PDF) 3 Page - Silicon Supplies

Part # LM358
Description  Dual Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM358 Datasheet(HTML) 3 Page - Silicon Supplies

  LM358 Datasheet HTML 1Page - Silicon Supplies LM358 Datasheet HTML 2Page - Silicon Supplies LM358 Datasheet HTML 3Page - Silicon Supplies LM358 Datasheet HTML 4Page - Silicon Supplies LM358 Datasheet HTML 5Page - Silicon Supplies LM358 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dual Operational Amplifier – LM358
Rev 1.1
21/01/18
PARAMETER
SYMBOL
MIN
MAX
UNITS
DC Supply Voltage
VCC
±2.5 or 5
±15 or 30
V
Operating Temperature
TA
0
+70
°C
Recommended Operating Conditions
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage – Single Supply
32
V
Supply Voltage – Split Supply
VCC
±16
V
Input Differential Voltage Range
VIDR
32
V
Input Common Mode
Voltage Range
VICR
-0.3 to 32
V
Output Short Circuit to Ground
-
Continuous
-
Junction Temperature
TJ
150
°C
Input Current (per pin)
2
IIN
50
mA
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
25°C
-
2
7
Input Offset Voltage
VIO
VO =1.4V,
VCC = 5V - 30V;
RS = 0Ω,
VICM=0V to VCC-1.7V
70°C
-
-
9
mV
Input Offset Voltage
Drift
ΔVIO /ΔT
VCC = 30V; RS = 0Ω
-
7
-
µV/°C
25°C
-
5
50
Input Offset Current
IIO
VCC = 5V
70°C
-
-
150
nA
Input Offset Current
Drift
ΔIIO /ΔT
VCC = 30V; RS = 0Ω
-
10
-
pA/°C
25°C
-
45
250
Input Bias Current
IIB
VCC = 5V
70°C
-
40
500
nA
RL=∞,VCC=5V, VO = 0V
-
0.5
1.2
Supply Current
ICC
RL=∞,VCC=30V, VO = 0V
-
1
2
mA
25°C
0
-
VCC -1.5
Common Mode Input
Voltage range
VICR
VCC = 30V
70°C
0
-
VCC -2
V
Differential Input
Voltage range
VIDR
All VIN ≥ GND
or VCC- (if used)
-
-
VCC
V
 
DC Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
1.
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended
periods, may reduce device reliability.
2.
VIN < -0.3V. This input current exists when voltage is driven negative at any of the input leads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com