Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH171-R2312B Datasheet(PDF) 2 Page - DFI Inc

Part # GH171-R2312B
Description  AMD® Ryzen™ V1000/R2000/R1000 Series Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

GH171-R2312B Datasheet(HTML) 2 Page - DFI Inc

  GH171-R2312B Datasheet HTML 1Page - DFI Inc GH171-R2312B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GH171
Specifications
Packing List
Optional Items
• 1 GH171 motherboard
• 1 I/O shield
A49-GH1710-000G
• 1 Cooler (For 25W, height:35mm)
(For 35W~54W, height:47mm)
A71-108114-010G
A71-108113-000G
• SATA signal and power cable (Length: 300mm)
A81-002013-000G
• USB port cable (Length: 200mm)
332-253010-026G
• COM port cable (Length: 300m)
A81-015041-018G
SYSTEM
Processor
AMD® Ryzen™ Embedded V1807B, 4C/8T, 2MB Cache, 11 CU, 3.35GHz (3.8GHz), 45W (35-54W)
AMD® Ryzen™ Embedded V1756B, 4C/8T, 2MB Cache, 8 CU, 3.25GHz (3.6GHz), 45W (35-54W)
AMD® Ryzen™ Embedded V1605B, 4C/8T, 2MB Cache, 8 CU, 2.0GHz (3.6GHz), 15W (12-25W)
AMD® Ryzen™ Embedded V1202B, 2C/4T, 1MB Cache, 3 CU, 2.3GHz (3.2GHz), 15W (12-25W)
AMD® Ryzen™ Embedded R1606G, 2C/4T, 3 CU, 2.6GHz (3.5GHz), 15W
AMD® Ryzen™ Embedded R1505G, 2C/4T, 3 CU, 2.4GHz(3.3GHz),15W
AMD® Ryzen™ Embedded R2312, 3C/4T, 2MB Cache, 3CU, 2.7GHz (3.5GHz), 12~25W
AMD® Ryzen™ Embedded R2314, 6C/12T, 4MB Cache, 6 CU, 2.1GHz (3.5GHz), 12~35W
AMD® Ryzen™ Embedded R2514, 6C/12T, 4MB Cache, 8 CU, 2.1GHz (3.7GHz), 12~35W
AMD® Ryzen™ Embedded R2544, 4C/8T, 4MB Cache, 8 CU, 3.35GHz (3.7GHz), 35~54W
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 up to 3200MHz (ECC/non ECC support)
BIOS
AMI BIOS
GRAPHICS
Controller
AMD® Radeon™ Vega Graphics
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
4 x DP++
DP++: resolution up to 4096x2160 @ 60Hz
EXPANSION
Interface
1 x PCIe x16 (x8 signal with V1000 series, x4 signal with R1000 series)(Max. 50W)
1 x M.2 2280 M Key (x4 signal with V1000 series, x2 signal with R1000 series) (support 2242 by BOM opt.)
AUDIO
Audio Codec
Realtek ALC887-VD2-CG
ETHERNET
Controller
2 x Realtek RTL8111HN-CG (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
2 x USB 3.0
2 x USB 2.0
Display
4 x DP++ (V1000 series)
3 x DP++ (R1000 series)
Audio
1 x Mic-in
1 x Line-in
1 x Line-out
Serial
1 x RS-232/422/485 (DB-9)
1 x RS-232 (DB-9)
INTERNAL I/O
Serial
4 x RS-232 (2.0mm pitch) (TX/RX signal only)
USB
4 x USB 2.0 (2.54mm pitch)
1 x Vertical Type A USB 3.0 (V1000 series)
1 x Vertical Type A USB 2.0 (R1000 series)
Audio
1 x S/PDIF
1 x Audio (Mic-in/Line-out)
SATA
2 x SATA 3.0 (up to 6GB/s) (with 7-pin VCC support)
2 x SATA Power
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM2.0
POWER
Type
Single 12V +/-5% DC
Connector
Straight Type Connector (4-pin)
DC-in Jack (available upon request)
Right Angle Connector (4-pin) (available upon request)
Consumption
Idle: 1.2A@14.4W
Max: 6.1A@73.4W
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft/Linux
Windows 10
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 10 to 90% RH
Storage: 10 to 90% RH
MTBF
536,492 hrs @ 25°C
334,201 hrs @ 45°C
223,268 hrs @ 60°C
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 20mm, Bottom Side: 3mm
CERTIFICATION
CE, FCC, RoHS, UL, UKCA
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © February 6, 2024 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com