Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH171-R2514B Datasheet(PDF) 1 Page - DFI Inc

Part # GH171-R2514B
Description  AMD® Ryzen™ V1000/R2000/R1000 Series Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

GH171-R2514B Datasheet(HTML) 1 Page - DFI Inc

  GH171-R2514B Datasheet HTML 1Page - DFI Inc GH171-R2514B Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GH171
Mechanical Drawing
Block Diagram
0
4.90
159.84
170
0
136.98
Features
AMD® Ryzen™ V1000/R2000/R1000 Series
Mini-ITX
AMD
Ryzen
V1000/
R2000/
R1000
Series
RS-232/422/485 1x
RS-232 5x
H/W Monitor
Super IO
DDR4 3200MHz
SODIMM
Channel A
USB 3.0
PCIe x1 Gen 2
Vertical Type
USB
3.0/2.0 1x
M.2 M key 2280
SATA 3.0
PCIe x16
LPC Bus
TPM 1.2/2.0
HD Audio
(Line-in, Line-out, Mic-in)
SATA 3.0 2x
DDR4 3200MHz
SODIMM
Channel B
DDI
USB 2.0 4x
DDI
DP++ 2x
DP++ 2x
LAN 1x
USB 3.02x
USB 2.0
PCIe x1 Gen 2
LAN 1x
USB 2.0 2x
USB 2.0
USB 3.0/2.0
USB 2.0
SPI
(2.0 for R-series)
(3.0 for V-series)
PCIe x1 Gen 3
(x4 for R-series)
(x8 for V-series)
PCIe x4 Gen 3
Ordering Information
Model Name
P/N
Processor
Memory
GbE DP
COM
USB 3.0
USB 2.0
Power
Thermal Temp.
GH171-V1807B
770-GH1712-000G V1807B 35-54W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-V1756B
770-GH1712-100G V1756B 35-54W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-V1202B
770-GH1712-200G V1202B 12-25W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-V1605B
770-GH1712-300G V1605B 12-25W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-R1505G
770-GH1712-400G R1505G
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-R1606G
770-GH1712-500G R1606G
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-R2312B
770-GH1712-600G R2312 12~25W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-R2314B
770-GH1712-700G R2314 12~35W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-R2514B
770-GH1712-800G R2514 12~35W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
GH171-R2544B
770-GH1712-900G R2544 35~54W
2 SODIMM 2
4
6
3
6
12V DC
Active
0 to 60oC
• 2 DDR4 SODIMM up to 32GB
• Four independent displays:
DP++ + DP++ + DP++ + DP++
• DP++ resolution up to 4096x2160 @ 60Hz
• Expansion: 1 PCIe x16, 1 M.2 M Key
• Rich I/O: 2 GbE, 6 COM, 3 USB 3.0, 6 USB 2.0
LAN 1
DC 12V
(optional)
PCIe x16
DDR4_1
SODIMM
COM 3-6
DDR4_2
SODIMM
LAN 2
DP++
CPU Fan_1
COM 1
Line-out
Mic-in
DP++
DDR4
USB 3.0
SATA 3.0
4K2K
Display
4096x2160
Line-in
USB 3.0
USB 2.0
COM 2
DP++
DP++
DP++
SATA 3.0
USB 3.0
M.2 M key
System
Fan
Front Panel
USB 2.0
DC 12V
Front Audio
S/PDIF
Case Open
AMD Ryzen
V1000/R1000
Series SoC
SATA Power


Similar Part No. - GH171-R2514B

ManufacturerPart #DatasheetDescription
logo
Clarke International
GH1 CLARKE-GH1 Datasheet
1Mb / 2P
GARAGE ANCHORING SYSTEMS
logo
TDK Electronics
GH10-100 TDK-GH10-100 Datasheet
166Kb / 2P
GH10-100
GH10-150 TDK-GH10-150 Datasheet
161Kb / 2P
Programmable Power Supplies
GH100-10 TDK-GH100-10 Datasheet
166Kb / 2P
Programmable Power Supplies
GH100-15 TDK-GH100-15 Datasheet
161Kb / 2P
Programmable Power Supplies
More results

Similar Description - GH171-R2514B

ManufacturerPart #DatasheetDescription
logo
DFI Inc
DT122-GH DFI-DT122-GH Datasheet
963Kb / 5P
AMD Ryzen V1000/R1000 Series Desktop Box PC
GHF51 DFI-GHF51 Datasheet
760Kb / 2P
AMD Ryzen Embedded R1000 Series 1.8" SBC
logo
Advantech Co., Ltd.
DPX-E140 ADVANTECH-DPX-E140 Datasheet
1,003Kb / 2P
AMD Ryzen™ Embedded V-Series Gaming Platform
10-Nov-2021
DPX-E265 ADVANTECH-DPX-E265 Datasheet
637Kb / 1P
AMD Ryzen™ Embedded V1000 mITX with Four DP, ECC, PCIe expansion
10-Nov-2021
DPX-J100 ADVANTECH-DPX-J100 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V & R Series Gaming Platform
20-Jul-2022
DPX-S2450 ADVANTECH-DPX-S2450 Datasheet
1Mb / 2P
High Performance AMD Ryzen™ Embedded V1000/R1000 Multi-Screen Gaming Platform
2-Sep-2020
DPX-S450 ADVANTECH-DPX-S450 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V1000/R1000 Gaming Platform
29-Jul-2020
DPX-S451 ADVANTECH-DPX-S451 Datasheet
996Kb / 2P
AMD Ryzen™ Embedded R2000 Gaming Platform
1-Jul-2022
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
logo
AAEON Technology
PICO-V2K4 AAEON-PICO-V2K4 Datasheet
534Kb / 2P
Pico-ITX Board with AMD RYZEN™ V2000 embedded Processor Family
2022/02/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com