Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA821 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SA821
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA821 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SA821 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulated Transistors
2SA821
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM : 0.25
W (Tamb=25
℃)
Collector current
ICM : -0.03
A
Collector-base voltage
V(BR)CBO : -210
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -50
µA , I
E=0
-210
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -0.1 mA , IB=0
-210
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -50µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-150V, IE=0
-1
µA
Emitter cut-off current
IEBO
VEB= -4.5 V ,
IC=0
-1
µA
DC current gain
hFE
VCE=-3 V, IC= -5mA
56
270
Collector-emitter saturation voltage
VCEsat
IC= -2mA, IB= -0.2mA
-0.6
V
Transition frequency
f T
VCE=-5V, IC= -2mA
30
MHz
Output capacitance
Cob
VCE=-10V,IE=0,f=1MHz
12
pF
CLASSIFICATION OF hFE
Rank
N
P
Q
Range
56-120
82-180
120-270
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
Transys
Electronics
LI M ITE D


Similar Part No. - 2SA821

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2SA821 JIANGSU-2SA821 Datasheet
252Kb / 3P
TRANSISTOR (PNP)
logo
SeCoS Halbleitertechnol...
2SA821 SECOS-2SA821 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA821 WINNERJOIN-2SA821 Datasheet
133Kb / 1P
TRANSISTOR (PNP)
logo
Rohm
2SA821S ROHM-2SA821S Datasheet
67Kb / 3P
HIGH VOLTAGE AMPLIFIER TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA821S TEL-2SA821S Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
More results

Similar Description - 2SA821

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com