Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S312XDP512F0CFVR Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0CFVR Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0CFVR Datasheet HTML 35Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 36Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 37Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 38Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 39Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 40Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 41Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 42Page - Freescale Semiconductor, Inc S312XDP512F0CFVR Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 1350 page
background image
Chapter 1 Device Overview MC9S12XD-Family
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
39
Figure 1-3. S12X CPU & BDM Global Address Mapping
0x7F_FFFF
0x00_0000
0x13_FFFF
0x0F_FFFF
EEPROM
RAM
0x00_07FF
EPAGE
RPAGE
PPAGE
0x3F_FFFF
CPU and BDM
Local Memory Map
Global Memory Map
Unimplemented
EEPROM
0x1F_FFFF
0xFFFF
Reset Vectors
0xC000
0x8000
Unpaged
0x4000
0x1000
0x0000
16K FLASH window
0x0C00
0x2000
0x0800
8K RAM
4K RAM window
1K EEPROM
2K REGISTERS
1K EEPROM window
16K FLASH
Unpaged
16K FLASH
2K REGISTERS
Unimplemented
RAM
External
Space
RAM_LOW
EEPROM_LOW
FLASH
FLASH_LOW
Unimplemented
FLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com