Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1213 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 2SC1213
Description  Plastic-Encapsulated Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SC1213 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  2SC1213 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulated Transistors
2SC1213
TRANSISTOR (NPN)
2SC1213A
FEATURE
Power dissipation
PCM:
0.4
W (Tamb=25
℃)
Collector current
ICM:
0.5
A
Collector-base voltage
V(BR)CBO:
2SC1213 :
35
V
2SC1213A :
50
V
Operating and storage junction temperature range
TJ, Tstg:
-55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS(Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
2SC1213
2SC1213A
V(BR)CBO
Ic= 10
µA , I
E=0
35
50
V
Collector-emitter breakdown voltage 2SC1213
2SC1213A
V(BR)CEO
IC= 1 mA , IB=0
35
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
4
V
Collector cut-off current
ICBO
VCB= 20V , IE=0
0.5
µA
hFE(1)
VCE=3V, IC= 10mA
60
320
DC current gain
hFE(2)
VCE=3V, IC= 500mA
10
Collector-emitter saturation voltage
VCE(sat)
IC= 150mA, IB= 15 mA
0.2
0.6
V
Base-emitter voltage
VBE
VCE= 3V, IC= 10 mA
0.75
V
CLASSIFICATION OF hFE(1)
Rank
B
C
D
Range
60-120
100-200
160-320
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
Transys
Electronics
LI M ITE D


Similar Part No. - 2SC1213

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC1213 RENESAS-2SC1213 Datasheet
154Kb / 5P
Silicon NPN Epitaxial
logo
Dc Components
2SC1213 DCCOM-2SC1213 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC1213 SECOS-2SC1213 Datasheet
283Kb / 2P
General Purpose Transistor
More results

Similar Description - 2SC1213

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com