Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C2481L Datasheet(PDF) 2 Page - MUSIC Semiconductors

Part # MU9C2481L
Description  LANCAM짰 1ST Family
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C2481L Datasheet(HTML) 2 Page - MUSIC Semiconductors

  MU9C2481L Datasheet HTML 1Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 2Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 3Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 4Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 5Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 6Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 7Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 8Page - MUSIC Semiconductors MU9C2481L Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LANCAM 1ST Family
Rev. 1a
2
OPERATIONAL OVERVIEW
To use the LANCAM 1ST, the user loads the data into the
Comparand register, which is automatically compared to all
valid CAM locations. The device then indicates whether
or not one or more of the valid CAM locations contains
data that match the target data. The status of each CAM
location is determined by two validity bits at each memory
location. The two bits are encoded to render four validity
conditions: Valid, Skip, Empty, and Random Access, as
shown in Table 1. The memory can be partitioned into CAM
and associated RAM segments on 16-bit boundaries, but
by using one of the two available mask registers, the
CAM/RAM partitioning can be set at any arbitrary size
between zero and 64 bits.
The LANCAM 1ST’s internal data path is 64 bits wide for
rapid internal comparison and data movement. Loading data
to the Control, Comparand, and mask registers
automatically triggers a compare. Compares may also be
initiated by a command to the device. Associated RAM
data is available immediately after a successful compare
operation. The Status register reports the results of
compares including all flags and addresses. Two Mask
registers are available and can be used in two different
ways: to mask comparisons or to mask data writes. The
random access validity type allows additional masks to
be stored in the CAM array where they may be retrieved rapidly.
A simple three-wire control interface and commands
loaded into the Instruction decoder control the device.
A powerful instruction set increases the control flexibility
and minimizes software overhead. These and other
features make the LANCAM 1ST a powerful associative
memory that drastically reduces search delays.
Skip Bit
0
0
1
1
Empty Bit
0
1
0
1
Entry Type
Valid
Empty
Skip
RAM
Table 1: Entry Types vs. Validity Bits
Pinout Diagram
Table 2: I/O Cycles
/W
LOW
LOW
HIGH
HIGH
/CM
LOW
HIGH
LOW
HIGH
Cycle Type
Command Write Cycle
Data Write Cycle
Command Read Cycle
Data Read Cycle
GENERAL DESCRIPTION
The LANCAM 1ST family consists of high density content-
addressable memories (CAMs) in a variety of depths. Like the
other LANCAM series from MUSIC Semiconductors, the
LANCAM 1ST is ideal for time critical applications requiring
intensive list processing.
Content-addressable memories, also known as associative
memories, operate in the converse way to random access
memories (RAM). In RAM, the input to the device is an address
and the output is the data stored at that address. In CAM, the
input is a data sample and the output is a flag to indicate a
match and the address of the matching data. As a result, CAM
searches large databases for matching data in a short, constant
time period, no matter how many entries are in the database.
The ability to search data words up to 64 bits wide allows large
address spaces to be searched rapidly and efficiently. A
patented architecture links each CAM entry to associated data
and makes this data available for use after a successful
compare operation.
The MUSIC LANCAM 1ST is ideal for address filtering and
translation applications in LAN switches and routers. The
LANCAM 1ST is also well suited to encryption, data caches,
and branch tables.
GND
DQ 4
DQ 5
VCC
VCC
TES T 2
GND
GND
DQ 6
DQ 7
VCC
GND
/R
VCC
VCC
TES T 1
/E
/W
GND
44 -pi n P L CC
(Top V ie w )
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
NC
/MF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com