Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR827BRMZ-R21 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR827BRMZ-R21
Description  Low Power, Precision Reference and Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR827BRMZ-R21 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR827BRMZ-R21 Datasheet HTML 11Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 12Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 13Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 14Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 15Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 16Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 17Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 18Page - Analog Devices ADR827BRMZ-R21 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADR821/ADR827
Rev. 0 | Page 15 of 20
AMPLIFIER (AD821/AD827)
120
0
–500 –400 –300 –200 –100
0
100
200
300
400
500
VOS (µV)
100
80
60
40
20
VSY = ±15V
TA = 25°C
Figure 23. Input Offset Voltage Distribution
160
0
–5
–4
–3
–2
–1
0
1
2
3
4
5
TCVOS (µV/°C)
140
120
100
80
60
40
20
VSY = ±15V
Figure 24. Offset Voltage Drift Distribution
60
–40
–13 –11 –9
–7
–5 –3
–1
1
3
5
7
9
11
13
VCM (V)
50
40
30
20
10
0
–10
–20
–30
VSY = ±15V
TA = 25°C
Figure 25. Input Bias Current vs. Common-Mode Voltage
500
–500
–15
15
VCM (V)
400
300
200
100
0
–100
–200
–300
–400
–12
–9
–6
–3
0369
12
VSY = ±15V
TA = 25°C
Figure 26. Input Offset Voltage vs. Common-Mode Voltage
200
–200
–55
155
TEMPERATURE (°C)
100
0
–100
–40 –25 –10 5
20 35 50 65 80 95 110 125 140
VSY = ±15V
Figure 27. Input Offset Voltage vs. Temperature
100000
0.1
0.01
100
LOAD CURRENT (mA)
0.1
1
10
1
10
100
1000
10000
VSY = ±15V
TA = 25°C
VSY – VOH SOURCING
VOL SINKING
Figure 28. Output Swing Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com