Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-20/PROM Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16F84A-20/PROM
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-20/PROM Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16F84A-20/PROM Datasheet HTML 63Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 64Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 65Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 66Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 67Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 68Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 69Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 70Page - Microchip Technology PIC16F84A-20/PROM Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 65
PIC16F84A
FIGURE 10-7:
AVERAGE FOSC vs. VDD FOR R (RC MODE, C = 22 pF, 25
°C)
FIGURE 10-8:
AVERAGE FOSC vs. VDD FOR R (RC MODE, C = 100 pF, 25
°C)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
5.1 k
Ω
3.3 k
Ω
10 k
Ω
100 k
Ω
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2.02.5
3.03.5
4.0
4.5
5.05.5
VDD (V)
100 k
Ω
10 k
Ω
5.1 k
Ω
3.3 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com