Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAS2D331MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UAS2D331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UAS2D331MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UAS2D331MHD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
Improved safety feature for abnormally excessive voltage.
High ripple current product.
Adapted to the RoHS directive (2002/95/EC).
AS
series
Wide Temperature Range, Miniature Type Permissible
Abnormal Voltage
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Frequency coefficient of rated ripple current
Frequency
Coefficient
50, 60Hz
120Hz
300Hz
1kHz
10kHz ~
0.80
1.00
1.25
1.40
1.60
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Safety Performance
Marking
Printed with white color letter on dark brown sleeve.
Performance Characteristics
Item
– 40 ~ +105°C
200V
33 ~ 330µF
± 20% at 120Hz, 20°C
Measurement frequency:120Hz, Temperature:20°C
Measurement frequency : 120Hz
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value for endurance characteristics listed above.
The pressure relief vent will operate in normal conditions, with no dangerous conditons such as flames, ignitions or dispersion of pieces of the capacitor and / or case.
After 1 minute's application of rated voltage, leakage current is 0.04CV+100 (µA) or less.
After an application of D.C. bias voltage plus the rated ripple
current for 2000 hours at 105°C the peak voltage shall not
exceed the rated D.C. voltage, capacitors meet the
characteristic requirements listed at right.
Specifications
Type numbering system (Example : 200V 220µF)
BD
P
10
5.0
Bd
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
U
1
A
2
S
3
2
4
D
5
2
6
2
7
1
8
M
9
H
10
D
11 12
Configuration
Capacitance tolerance (±20%)
Rated Capacitance (220µF)
Rated voltage (200V)
Series name
Type
Size code
In case L>25 for B12.5 (D) case sizes,
lead diameter B0.8 (d) will be applied.
B D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 ~ 18
HD
Configuration
(mm)
L+2.0MAX.
15MIN
4MIN
Sleeve (P.E.T.)
B d
Pressure
relief vent
Radial Lead Type
Rated voltage (V)
tan
δ (MAX.)
200
0.15
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
200
3
6
Capacitance change
Leakage current
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
voltage (V)
Test conditions
200
Limited DC current
4A (5A : 330
µF)
Test Voltage
300VDC and 375VDC
Rated Ripple (mArms) at 105°C 120Hz
: In this case, 6 will be put at 12th digit of type numbering system.
Dimensions
V
Cap.(µF)
33
47
56
68
82
100
150
180
220
270
330
200 (2D)
φ10
10
× 20
10
× 25
160
195
φ12.5
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 25
12.5
× 31.5
195
210
320
360
430
φ16
16
× 20
16
× 25
16
× 31.5
430
460
600
φ18
18
× 20
18
× 25
18
× 31.5
18
× 35.5
18
× 40
460
600
710
890
910
330
470
560
680
820
101
151
181
221
271
331
Code
φD
Case size
φD × L (mm) Rated ripple
AS
AQ
Smaller
• Please refer to page 21 about the end
seal configulation.


Similar Part No. - UAS2D331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UAS2D331MHD NICHICON-UAS2D331MHD Datasheet
568Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UAS2D331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com