Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAQ2P331MEL Datasheet(PDF) 2 Page - Nichicon corporation

Part # LAQ2P331MEL
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAQ2P331MEL Datasheet(HTML) 2 Page - Nichicon corporation

  LAQ2P331MEL Datasheet HTML 1Page - Nichicon corporation LAQ2P331MEL Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
AQ
series
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
Rated Ripple (Arms) at 105°C 120Hz
0033
0039
0047
0056
0068
0082
0100
0120
0150
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
22
× 25
0.70
22
× 25
0.90
22
× 25
1.00
22
× 30
1.20
22
× 35
1.35
22
× 40
1.45
22
× 45
1.60
22
× 50
1.75
22
25
× 20
0.70
25
× 25
1.20
25
× 30
1.35
25
× 30
1.45
25
× 35
1.60
25
× 40
1.75
25
× 50
2.11
25
30
× 25
1.45
30
× 30
1.60
30
× 30
1.75
30
× 35
2.11
30
× 45
2.40
30
× 50
2.65
30
35
× 25
1.75
35
× 30
2.11
35
× 35
2.40
35
× 40
2.65
35
× 45
3.08
35
22
25
30
35
200V (2D)
220V (2P)
φD
22
25
× 20
0.65
25
× 25
0.70
25
× 25
0.90
25
× 30
1.00
25
× 30
1.20
25
× 35
1.35
25
× 40
1.45
25
× 45
1.60
22
× 20
0.50
22
× 25
0.60
22
× 25
0.65
22
× 25
0.70
22
× 30
0.90
22
× 35
1.00
22
× 40
1.20
22
× 45
1.35
25
30
× 20
0.90
30
× 25
1.00
30
× 25
1.20
30
× 30
1.35
30
× 30
1.45
30
× 35
1.60
30
× 40
1.75
30
× 45
2.11
30
35
× 20
1.00
35
× 25
1.20
35
× 25
1.35
35
× 25
1.45
35
× 30
1.60
35
× 35
1.75
35
× 40
2.11
35
× 45
2.40
35
400V (2G)
22
× 25
0.25
22
× 25
0.30
22
× 25
0.35
22
× 25
0.45
22
× 25
0.51
22
× 30
0.58
22
× 30
0.66
22
× 35
0.76
22
× 40
0.85
25
× 25
0.58
25
× 25
0.66
25
× 30
0.76
25
× 35
0.85
25
× 40
0.95
25
× 45
1.24
30
× 25
0.76
30
× 25
0.85
30
× 30
0.95
30
× 35
1.24
30
× 40
1.30
30
× 45
1.47
35
× 25
0.95
35
× 30
1.24
35
× 35
1.30
35
× 35
1.47
35
× 40
1.59
35
× 45
1.87
V(Code)
Code
Cap.(µF)
Frequency coefficient of rated ripple current
Frequency (Hz)
200•220V
400V
Coefficient
50
0.85
0.88
60
0.88
0.90
120
1.00
1.00
1k
1.15
1.10
10k~
1.20
1.15
Case size
φD × L (mm)
Rated ripple



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com