Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS29 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAS29
Description  SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS29 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAS29 Datasheet HTML 1Page - TRANSYS Electronics Limited BAS29 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
BAS29 single diode, BAS31 dual diodes in series and BAS35 dual diodes, common anodes.
ABSOLUTE MAXIMUM RATINGS (per diode)
Continuous reverse voltage
VR
max.
90 V
Repetitive peak forward current
IFRM
max.
600 mA
Forward current
IF
max.
250 mA
Junction temperature
Tj
max.
150 °C
Forward voltage at IF = 50 mA
VF
<
0.84 V
Reverse recovery time when switched from
IF = 30 mA to IR = 30 mA; RL = 100 Ω;
measured at IR = 3 mA
trr
<
75 ns
RATINGS (per diode) (at TA = 25°C unless otherwise specified)
Limiting values
Continuous reverse voltage
VR
max.
90 V
Repetitive peak forward current
IFRM
max.
600 mA
Repetitive peak reverse current
IRRM
max.
600 mA
BAS29, BAS31, BAS35
PACKAGE OUTLINE DETAILS
ALL DIMENSIONS IN mm
Marking
BAS29– L20
BAS31 – L21
BAS35 – L22
1
2
3
1
2
3
1
2
3
BAS29
BAS31
BAS35
SOT-23
Transys
Electronics
LI M ITE D


Similar Part No. - BAS29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS29 PHILIPS-BAS29 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Jinan Gude Electronic D...
BAS29 JGD-BAS29 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
logo
Guangdong Kexin Industr...
BAS29 KEXIN-BAS29 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
logo
NXP Semiconductors
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
More results

Similar Description - BAS29

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Continental Device Indi...
CMBD4150 CDIL-CMBD4150 Datasheet
160Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB123 RENESAS-HSB123 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
TRANSYS Electronics Lim...
1N4151 TEL-1N4151 Datasheet
151Kb / 2P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
logo
Renesas Technology Corp
HSB2836 RENESAS-HSB2836 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
1SS84 HITACHI-1SS84 Datasheet
21Kb / 3P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Continental Device Indi...
1N4151 CDIL-1N4151 Datasheet
227Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
BAV23S CDIL-BAV23S Datasheet
140Kb / 4P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com