Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS35 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BAS35
Description  SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS35 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BAS35 Datasheet HTML 1Page - TRANSYS Electronics Limited BAS35 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Average rectified forward current
(averaged over any 20 ms period)
IF(AV)
max.
250 mA
Non-repetitive peak forward current
t = 1 µs; Tj = 25 °C prior to surge; per crystal
IFSM
max.
3 A
t = 1 s; Tj = 25 °C prior to surge; per crystal
max.
0.75 A
Forward current (D)
IF
max.
250 mA
Repetitive peak reverse energy
tp ≥ 50 µs; f ≤ 20 Hz; Tj = 25 °C
ERRM
max.
5.0 mJ
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 °C
THERMAL RESISTANCE
From junction to ambient*
Rth j–a
=
430 K/W
CHARACTERISTICS (per diode)
Tamb = 25 °C unless otherwise specified
Forward voltage
IF = 10 mA
VF
<
0.75 V
IF = 50 mA
VF
<
0.84 V
IF = 100 mA
VF
<
0.90 V
IF = 200 mA
VF
<
1.00 V
IF = 400 mA
VF
<
1.25 V
Reverse currents
VR = 90 V
IR
<
100 nA
VR = 90 V; Tamb = 150 °C
IR
<
100 µA
Reverse avalanche breakdown voltage
IR = 1 mA
V(BR)R
120 to 175 V
Diode capacitance
VR = 0; f = 1 MHz
Cd
<
35 pF
Reverse recovery time when switched from
IF = 30 mA to IR = 30 mA; RL = 100 Ω;
measured at IR = 3 mA
trr
<75 ns
* When mounted on a ceramic substrate of 8 mm × 10 mm × 0.7 mm.
BAS29, BAS31, BAS35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com