Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40W Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # BAS40W
Description  SCHOTTKY DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BAS40W Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  BAS40W Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2. 30¡ À0. 05
1. 25¡ À0. 05
BAS40W SERIES
SCHOTTKY DIODE
FEATURES
Power dissipation
PD:
200
mW (Tamb=25
℃)
Collector current
IF:
200
mA
Collector-base voltage
VR:
40
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
BAS40W Marking: 43.K43
BAS40W-04 Marking:44.K44
BAS40W-05 Marking: 45.K45
BAS40W-06 Marking: 46.K46
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR) R
IR= 10µA
40
V
Reverse voltage leakage current
IR
VR=30V
200
nA
Forward voltage
VF
IF=1mA
IF=40mA
380
1000
mV
Diode capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=10mA through
IR=10mA to IR=1mA
5
nS
Unit: mm
SOT-323


Similar Part No. - BAS40W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40W PHILIPS-BAS40W Datasheet
52Kb / 8P
Schottky barrier double diodes
1999 Apr 26
logo
Siemens Semiconductor G...
BAS40W SIEMENS-BAS40W Datasheet
141Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
57Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 8 - 2
logo
Weitron Technology
BAS40W WEITRON-BAS40W Datasheet
206Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40W DIODES-BAS40W Datasheet
361Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30114 Rev. 12 - 2
More results

Similar Description - BAS40W

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com