Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDP080P-MS Datasheet(PDF) 1 Page - DFI Inc

Part # IDP080P-MS
Description  8/10.1/12.1/15.6" Industrial Touch Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

IDP080P-MS Datasheet(HTML) 1 Page - DFI Inc

  IDP080P-MS Datasheet HTML 1Page - DFI Inc IDP080P-MS Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IDP Series
KEY FEATURES
Touch Type
Projected Capacitive Support 10 points Multi-Touch
Support 2 Signal Interfaces
VGA/HDMI
IP Rating
IP54 Front Panel
8/10.1/12.1/15.6"
Industrial Touch Monitor
DIMENSIONS
W
D
75
H
Top View
Rear View
Right View
Front View
Operating Temperature
0°C ~ 40°C
System Dimensions (mm)
Display Type
W
H
D
8" LCD
200.5
161.3
29.6
10.1" LCD
260.5
179.1
27.7
12.1 LCD
299.4
235.9
37.2
15.6" LCD
391
246
40


Similar Part No. - IDP080P-MS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Inchange Semiconductor ...
IDP08E65D1 ISC-IDP08E65D1 Datasheet
243Kb / 2P
Ultra fast Rectifier
logo
Infineon Technologies A...
IDP08E65D2 INFINEON-IDP08E65D2 Datasheet
1Mb / 10P
Qualified according to JEDEC for target applications
Rev.2.2,2014-08-28
logo
Inchange Semiconductor ...
IDP08E65D2 ISC-IDP08E65D2 Datasheet
243Kb / 2P
Ultra fast Rectifier
More results

Similar Description - IDP080P-MS

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
12.1 Industrial LCD Monitor
FPM-7151W ADVANTECH-FPM-7151W_15 Datasheet
435Kb / 2P
15.6" WXGA Industrial Monitor with PCT Touch, Direct-VGA/DVI ports
logo
Axiomtek Co., Ltd.
LD-121 AXIOMTEK-LD-121 Datasheet
129Kb / 1P
12.1 Industrial Open Frame LCD Monitor
P6122 AXIOMTEK-P6122_17 Datasheet
359Kb / 2P
12.1 SVGA TFT Industrial LCD Monitor
logo
DFI Inc
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
logo
Advantech Co., Ltd.
FPM-215W ADVANTECH-FPM-215W_V01 Datasheet
474Kb / 2P
15.6 WXGA Industrial Monitor with P-CAP Touch Control, Direct HDMI Port
17-Jan-2022
IDP31-101W ADVANTECH-IDP31-101W Datasheet
368Kb / 2P
10.1 Bezel-less Touch Monitor
26-Nov-2021
IDP31-156W ADVANTECH-IDP31-156W Datasheet
395Kb / 2P
15.6 Bezel-less Touch Monitor
30-Dec-2021
logo
AAEON Technology
OMNI-215M AAEON-OMNI-215M Datasheet
363Kb / 2P
15.6” Touch Display Monitor, DC 12~30V
OMNI-312M AAEON-OMNI-312M Datasheet
397Kb / 2P
12.1” Touch Display Monitor, DC 12~30V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com