Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECX-INTERSTR Datasheet(PDF) 1 Page - Belden Inc.

Part # ECX-INTERSTR
Description  FX ECX Intermediate Strain Relief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

ECX-INTERSTR Datasheet(HTML) 1 Page - Belden Inc.

  ECX-INTERSTR Datasheet HTML 1Page - Belden Inc. ECX-INTERSTR Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: ECX-INTERSTR
FX ECX Intermediate Strain Relief
Product Description
ECX-INTERSTR contains 2 intermediate strain reliefs. This component is used to secure the cable or the break-out kit to the FX ECX Patch Panel Housing 1U,
2U or 4U. This part may be stacked to accommodate more cables or break-out kits.
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
ECX Patch Panel, cable management
Construction
Weight:
0.100 lbs
Height:
1.410 in
Width:
1.650 in
Depth:
1.200 in
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Product Material
Materials
Description
Material Color
Internal strain relief Plastic
Black
Standards
EU Directive 2011/65/EU (RoHS 2): Yes
UV/ Sunlight Protection:
Yes
Related Part Numbers
Related Parts:
ECX Patch Panel 1U/2U/4U
Variants
Item #
Color
UPC
ECX-INTERSTR Black
611589224581
Product Notes
Packaging:
Parts packaged in a bubble bag
History
Update and Revision:
Revision Number: 0.49 Revision Date: 11-14-2022


Similar Part No. - ECX-INTERSTR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-.327-CDX-1293 ECS-ECX-.327-CDX-1293 Datasheet
588Kb / 2P
The ultra-minature ECX-.327-CDX-1293 is a very compact SMD
logo
Vecow Co., Ltd.
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-2R VECOW-ECX-1000-2R Datasheet
436Kb / 2P
ECX-1000, 2 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4G VECOW-ECX-1000-4G Datasheet
418Kb / 2P
ECX-1000, 4 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4R VECOW-ECX-1000-4R Datasheet
438Kb / 2P
ECX-1000, 4 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
More results

Similar Description - ECX-INTERSTR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
620AA002 GLENAIR-620AA002 Datasheet
28Kb / 1P
Strain Relief
620AS046 GLENAIR-620AS046 Datasheet
39Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
52Kb / 1P
Strain Relief
620GA051 GLENAIR-620GA051 Datasheet
30Kb / 1P
Strain Relief
620DS054M GLENAIR-620DS054M Datasheet
162Kb / 1P
Strain Relief
620FS048 GLENAIR-620FS048 Datasheet
303Kb / 1P
Strain Relief
620AS001Z116 GLENAIR-620AS001Z116 Datasheet
38Kb / 1P
Strain Relief
M85049-43-3N GLENAIR-M85049-43-3N Datasheet
73Kb / 1P
Strain Relief
M85049-45-A8 GLENAIR-M85049-45-A8 Datasheet
73Kb / 1P
Strain Relief
MS27558-1 GLENAIR-MS27558-1 Datasheet
72Kb / 1P
Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com