Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXFSSHFM2LB Datasheet(PDF) 1 Page - Belden Inc.

Part # FXFSSHFM2LB
Description  FX Fusion Family 2LB Splice Holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

FXFSSHFM2LB Datasheet(HTML) 1 Page - Belden Inc.

  FXFSSHFM2LB Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: FXFSSHFM2LB
FX Fusion Family 2LB Splice Holder
Product Description
FiberExpress Fusion FAM2 Splice Holder for Loose Buffers (Breakout Kit)
Technical Specifications
Product Overview
Environmental Space:
Indoor
Suitable Applications:
FiberExpress Fusion, Breakout kit, Loose Buffer, Fanout kit, Splicing
Construction
Weight:
0.030 lbs
Height:
0.350 in
Width:
0.700 in
Length:
1.450 in
Mechanical Characteristics
Termination Style:
Splice-On
Standards
EU Directive 2011/65/EU (RoHS 2): Yes
Related Part Numbers
Included Parts:
1 Holder (Right Side - cable)
Related Parts:
FX Fusion Connectors, FX Fusion Splicer, FX Fusion Tool Kit, FX Breakout kit, FXFSSHFM2
Product Notes
Packaging:
Single Pack
Notes:
For additional fusion splicer compatibility information, refer to document AEN-1701 available at www.belden.com/Splice-on
History
Update and Revision:
Revision Number: 0.13 Revision Date: 02-14-2024
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - FXFSSHFM2LB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
FXFSSHFM2 BELDEN-FXFSSHFM2 Datasheet
227Kb / 1P
FX Fusion Family 2 Splice Holder
03-04-2023
More results

Similar Description - FXFSSHFM2LB

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8021 SONARDYNE-8021 Datasheet
112Kb / 2P
Fusion USBL Transceivers
logo
Richco, Inc.
OFSH-4-1-01LA RICHCO-OFSH-4-1-01LA Datasheet
32Kb / 1P
OPTICAL FIBER SPLICE HOLDER
logo
Microsemi Corporation
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
Fusion Family of Mixed Signal FPGAs
logo
Tyco Electronics
63130-2 MACOM-63130-2 Datasheet
56Kb / 1P
SPLICE
logo
Power Analog Micoelectr...
TOP232PN PAM-TOP232PN Datasheet
644Kb / 36P
TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
logo
Microsemi Corporation
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
Fusion Family of Mixed Signal FPGAs
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
Fusion Family of Mixed Signal FPGAs
logo
METZ CONNECT GmbH
15024A10S-E METZ-15024A10S-E Datasheet
512Kb / 5P
OpDAT REGpro housing with splice tray and crimp splice holder
2022/11/10 Version: N
15024B10S-S METZ-15024B10S-S Datasheet
347Kb / 5P
OpDAT REG Splice Distributor for shrink splice holder
2022/11/11 Version: Q
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com