Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NN-RJ45L-RT Datasheet(PDF) 1 Page - Belden Inc.

Part # NN-RJ45L-RT
Description  RJ45 Release Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

NN-RJ45L-RT Datasheet(HTML) 1 Page - Belden Inc.

  NN-RJ45L-RT Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: NN-RJ45L-RT
RJ45 Release Tool
Product Description
RJ45 Lock Cap Release Tool: Streamlining Network Maintenance Managing secure networks requires safe and efficient modification capabilities. The RJ45
Lock Cap Release Tool offers a targeted solution for the removal of RJ45 lock caps, allowing for seamless network adjustments without risking damage to
ports or caps. Key Features: •Precision Removal: Perfectly matches RJ45 lock caps for hassle-free removal. •Built to Last: Constructed from durable materials
for repeated use. •User-Friendly: Simplifies network management with its straightforward operation. •Portable Design: Small enough to carry or store for
immediate use when needed. Ideal for: An essential asset for IT departments and network administrators tasked with maintaining secure, flexible network
environments. Enhancing Network Maintenance: This tool is crucial for efficiently managing network security measures, enabling quick adjustments while
keeping networks secure and operational. Its simplicity and effectiveness make it a key component of network maintenance toolkits.
Technical Specifications
Physical Characteristics (Overall)
Width:
16.6 mm
Depth:
3.0 mm
Material:
Polycarbonate
Weight:
1.75 g
Mechanical Characteristics
Dimensions (WxHxD)
Length Width Depth
51.0
16.6
3.0
Applicable Environmental and Other Programs
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2015/863/EU (RoHS 2 amendment): Yes
History
Update and Revision:
Revision Number: 0.23 Revision Date: 04-17-2024
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - NN-RJ45L-RT

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
NN-RJ45L-PL BELDEN-NN-RJ45L-PL Datasheet
132Kb / 1P
RJ45 Lock Cap Blocker
04-17-2024
More results

Similar Description - NN-RJ45L-RT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
NEW RELEASE
logo
TE Connectivity Ltd
C-1461069-5 TEC-C-1461069-5 Datasheet
80Kb / 1P
RELEASE
C-2272229 TEC-C-2272229 Datasheet
138Kb / 1P
INITIAL RELEASE
C-734251 TEC-C-734251 Datasheet
462Kb / 1P
INITIAL RELEASE
C-2834067 TEC-C-2834067 Datasheet
311Kb / 3P
INITIAL RELEASE
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NNA-2 TOPWAY-LMT070DICFWD-NNA-2 Datasheet
887Kb / 15P
Preliminary release
logo
CUI INC
AMT-08C-2-036 CUI-AMT-08C-2-036 Datasheet
124Kb / 1P
INITIAL RELEASE
08/18/2020
AMT-14C-0-020-USB CUI-AMT-14C-0-020-USB_V01 Datasheet
132Kb / 1P
initial release
4/15/2020
logo
List of Unclassifed Man...
DS1095-05 ETC-DS1095-05 Datasheet
137Kb / 1P
NEW RELEASE
logo
Infineon Technologies A...
TLD7002-16SHIELD INFINEON-TLD7002-16SHIELD Datasheet
1Mb / 14P
Initial release
Rev.1.00 2022-07-26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com