Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASY.4N.304.TLAPV Datasheet(PDF) 2 Page - LEMO Connectors

Part # ASY.4N.304.TLAPV
Description  N - Nuclear Stainless Steel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

ASY.4N.304.TLAPV Datasheet(HTML) 2 Page - LEMO Connectors

  ASY.4N.304.TLAPV Datasheet HTML 1Page - LEMO Connectors ASY.4N.304.TLAPV Datasheet HTML 2Page - LEMO Connectors ASY.4N.304.TLAPV Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.lemo.com/int_en/solutions/supreme/n-nuclear-stainless-steel/asy-4n-304-tlapv.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Technical details
Electrical Configuration
Contact Termination Low voltage
Solder
Insert configuration value
4N.304 - 4 Low Voltage
Insulator
L: PEEK (UL 94 / V-0/1.5)
Rated current
30 A
Contact Type
Solder
Contact Dia.
3 mm (0.12in)
Number of contacts Low Voltage
4
Wire Size/AWG
18 - 10
Form & Material
Shell style / Model id
ASY - Fixed adapter to K/E series plug, vacuum tight,
nut fixing with lever
Housing material
Stainless steel shell, collet nut and latch sleeve,
nickel plated [SAE AMS QQ N 290] brass mid pieces
Locking system
Push-pull
Keying
Push-Pull latch with additional lever. Male contacts
Colour
Grey
Variant
Watertight / Vacuum-tested unmated (connector to
device)
Weight
562.4 g
Environment
Technical domain
Energy and Industrial, Specialties and Other
Environmental sealing (IP rating)
Hermetic unmated
Endurance
>1000 mating cycles
R leak (He) (max)
0.0000001 mbar*l/s (if vacuum-tested)
Cable fixation
Cable termination protection
Standard back nut (no additional protection)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com