Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01708 Datasheet(PDF) 1 Page - Evolt

Part # 01708
Description  TWINSPOT PROFESSIONAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

01708 Datasheet(HTML) 1 Page - Evolt

  01708 Datasheet HTML 1Page - Evolt 01708 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TWINSPOT PROFESSIONAL
Twinspot Professional IP65 Emergency Luminaire
IK10 impact resistance
Emergency output of 2 x 285 lm
Soft-start charger to reduce building load
Selectable discharge rating for hazardous areas
Fast emergency switch-over (<0.5s) for high-task areas
Long life electronics
12 years design life at max. ambient
High Quality Lithium battery (LiFePO4) and smart charger
Standalone (SPU)
Self test (AS2293/ IEC62034)
DALI (IEC62386-202) DT1
Ektor wired monitored system
ORDERING INFORMATION
Order code
01708
Description
Ektor Twinspot emergency IP65
luminaire - PRO
Driver Type
DALI DT1 Emergency
Item Code
EV-TWINSPOT-WP-PRO
MECHANICAL
Adjustability
Adjustable
Body Material
Polycarbonate
Diffuser Material
Polycarbonate
Fitting Colour
White
IK Rating
IK10
Installation Type
Surface mount
IP Rating
IP65
ELECTRICAL
Electrical Rating
Class I
Input Current
0.1 A
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Maximum Wattage
3 W
Standby Power
0.25 W
Standby power for non-maintained/switched maintained emergency devices is
measured when the light is off and the charger is in standby mode. For
maintained emergency devices, standby power is measured when the light is on
and the charger is in standby mode. Typically, charging occurs for the first 16
hours after the device is powered or after a battery discharge.
Working Temp Range
0 to 40 °C
DRIVER
Driver Included
Yes
Driver Type
DALI DT1 Emergency
Wiring Type
Re-wireable terminal block (6
pin)
EMERGENCY (EM SUFFIX)
Replacement Battery Code
01303
Emergency Control
DALI Monitored (DT1)
DALI Monitored ~ Supports Emergency test and monitoring over DALI
(IEC62386) with full compliance to IEC62386-202.
Emergency Duration
90 mins
Emergency Lumen Output
570 lm
Emergency Mode
Non-Maintained
Emergency Output Power
5500 mW
COMPLIANCE
Product Design Life
12 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Standards
AS/NZS 60598.1
AS 60598.2.22
AS/NZS 61347.1
AS/NZS 61347.2.13
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 01708

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0170820000 WEIDMULLER-0170820000 Datasheet
493Kb / 1P
SAKG 28 III SAKG 32 II SAKG 32 III SAKG 32 II G SAKG 32 I SAKG 28 II G
0170820000 WEIDMULLER-0170820000 Datasheet
1Mb / 52P
SAK-series
More results

Similar Description - 01708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC610620PFLAP ETC1-WC610620PFLAP Datasheet
69Kb / 1P
Professional Handcrimpwerkzeug Professional hand crimp tool
logo
Vishay Siliconix
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MRS25000C7681FCT00 VISHAY-MRS25000C7681FCT00 Datasheet
170Kb / 3P
Professional Leaded Resistors
20-Feb-08
logo
List of Unclassifed Man...
71030 ETC2-71030 Datasheet
3Mb / 1P
Professional Tools for Professional Results
logo
NEC
P502WG NEC-P502WG Datasheet
596Kb / 2P
NEC Professional Projector
logo
OSRAM GmbH
GDPSLR31.13 OSRAM-GDPSLR31.13 Datasheet
1Mb / 21P
Professional downlights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com