Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508AF Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # BU508AF
Description  NPN POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

BU508AF Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  BU508AF Datasheet HTML 1Page - TRANSYS Electronics Limited BU508AF Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BU508F, BU508AF,
BU508DF
TO- 3P Fully Isolated
Plastic Package
TO-3P (TO-218) Plastic Package
Pin Configuration
1.
2. Collector
3.
Base
Emitter
1
2
3
All diminsions in mm.
DIM
MIN
MAX
A
B
C
D
E
F
33.25
20.75
21.25
11.50
12.25
1.00
1.30
18.75
21.65
15.80
5.20
3.80
Ø 3.30
14.50
15.10
0.40
3.15
3.45
5.21
5.72
18.75
19.25
16.40
5.70
4.20
Ø 3.60
36.75
0.60
G
H
K
L
M
N
P
S
N
A
D
B
C
H
M
G
E
S
F
1
2
3
K
P
P
L
TO-3P
100 pcs/polybag 628 gm/100 pcs
3" x 7.5" x 7.5"
0.3K
17" x 15" x 13.5"
4.8K
42 kgs
PACKAGE
Net Weight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com