Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPE-SIM2P Datasheet(PDF) 1 Page - DFI Inc

Part # MPE-SIM2P
Description  SIM Card Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

MPE-SIM2P Datasheet(HTML) 1 Page - DFI Inc

  MPE-SIM2P Datasheet HTML 1Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.dfi.com
MPE-SIM2
Specifications
SIM Card Module
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © June 16 2019 DFI Inc.
Mechanical Drawing
INTERFACE
• Mini-PCIe
IO PORTS
• Mini PCIe connector: signal support PCIe x1 and USB2 or USB 3.1 Gen
1 and USB2
• x 2 SIM slot
TEMPERATURE
• Operating: -40oC to 85oC
• Storage: -40oC to 85oC
HUMIDITY
• Operating: 10% to 85%
• Storage: 10% to 90%
DIMENSIONS
• 61.45mm x 30mm
Model Name
P/N
Description
MPE-SIM2U
770-MESM21-000G USB3/USB2 interface w/ 2 Micro SIM card slot Module
MPE-SIM2P
770-MESM21-100G PCIe/USB2 interface w/ 2 Micro SIM card slot Module
Mini PCIe
SIM Slot 2
Mini PCIe
Connector
Top View
Features
• An extended 2x SIM card solution for SBC mother board compatible
with DFI 1.8’’/3.5” mother board.
• Support USB 3.1 Gen1 high speed Mini PCIe device.
• Design for 4G LTE card. (Reference model: Sierra MC7455)
• Flexible mounting holes.
Ordering Information
SIM Slot 1
Bottom View
ME Installation Diagram:
• Flexible mounting hole that easily fit any mPCIe connector while
installing MPE-SIM2
1. Installing with the left hand side mounting hole
2. Installing with the right hand side mounting hole
3. Installing with both mounting holes


Similar Part No. - MPE-SIM2P

ManufacturerPart #DatasheetDescription
logo
DFI Inc
MPE-SATA DFI-MPE-SATA Datasheet
453Kb / 1P
mSATA to SATA Modules
More results

Similar Description - MPE-SIM2P

ManufacturerPart #DatasheetDescription
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
SIM CARD READER
logo
SUYIN USA, INC.
254042MA006G111ZL SUYIN-USA-254042MA006G111ZL Datasheet
134Kb / 1P
SIM CARD CONNECTOR
254042MA006G116ZL SUYIN-USA-254042MA006G116ZL Datasheet
170Kb / 1P
SIM CARD CONNECTOR
logo
Adam Technologies, Inc.
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
SIM CARD CONNECTOR
logo
NimbeLink Corp.
NL-SIM-ATT-CTRI NIMBELINK-NL-SIM-ATT-CTRI Datasheet
1Mb / 6P
SIM Card
May 2019
NL-SIM-VOD NIMBELINK-NL-SIM-VOD Datasheet
518Kb / 6P
SIM Card
Rev.02 March 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com