Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCSF51 Datasheet(PDF) 3 Page - DFI Inc

Part # PCSF51
Description  AMD Ryzen™ Embedded R2000 Series Picasso
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

PCSF51 Datasheet(HTML) 3 Page - DFI Inc

  PCSF51 Datasheet HTML 1Page - DFI Inc PCSF51 Datasheet HTML 2Page - DFI Inc PCSF51 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 6, 2024 DFI Inc.
PACKING LIST
OPTIONAL ITEMS
• 1 PCSF51 board
• 1 Heat spreader (Height: 7 mm)
A71-808349-000G
• 1 Screw of M.2 card
• 2-pole terminal to DC Jack cable
A81-004013-000G
• Power adapter (60W, 12V, DC jack)
671-106012-000G
• DIO cable
A81-009203-018G
• Heat sink for 0~60°C
A71-008179-000G
ORDERING INFORMATION
Model Name
P/N
Processor
Memory
eMMC
Display
GbE
USB 3.1 Gen2 Power
Thermal
Temp.
PCSF51-BN-86R254
770-PCSF511-000G
R2514
8 GB
64 GB
1 HDMI
1
2
12VDC
Fanless
0 to 60°C
PCSF51-BN-86R234
770-PCSF511-100G
R2314
8 GB
64 GB
1 HDMI
1
2
12VDC
Fanless
0 to 60°C
PCSF51-BN-46R232
770-PCSF511-200G
R2312
4 GB
64 GB
1 HDMI
1
2
12VDC
Fanless
0 to 60°C
PCSF51-EN-46R232
770-PCSF511-400G
R2312
4 GB
64 GB
1 HDMI
1
2
12VDC
Fanless
-20 to 70°C
SPECIFICATION
SYSTEM
Processor
AMD® Ryzen™ Embedded R2514, Quad Core, 2MB Cache, 8 CU, 2.1GHz
AMD® Ryzen™ Embedded R2314, Quad Core, 2MB Cache, 6 CU, 2.1GHz
AMD® Ryzen™ Embedded R2312, Dual Core, 1MB Cache 3 CU, 2.7GHz
12W support
Memory
DDR4 Memory Down up to 4GB/8GB
Single Channel DDR4-2667 (R2312 with DDR4-2400)
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
AMD Vega GPU with up to 8 computing units
Feature
H.265 decode/encode support, VP9 decode
Display
1 x HDMI
HDMI 1.4: resolution up to 4096x2160 @ 24Hz
EXPENSION
Interface
1 x M.2 E key (PCIe x1 / USB 2)
ETHERNET
Controller
1 x Intel® I210AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
1 x GbE (RJ-45)
USB
2 x Type A USB 3.1 Gen 2
Display
1 x HDMI (HDMI 1.4)
INTERNAL I/O
DIO
1 x 8-bit DIO
STORAGE
eMMC 5.0
1 x 32GB/64GB/128GB eMMC
WATCHDOG TIMER Output & Interval Software Reset, Programmable via Software from 1 to 655,535 Seconds
SECURITY
TPM
fTPM 2.0
POWER
Type
Single 12V +/-5% DC
Connector
2-pin Terminal Block
Consumption
Typical: 12V @ 0.78A (9.36Watt)
Max.: 12V @ 1.62A (19.44Watt)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit
Linux
Linux (Kernel 5.4) Ubuntu 20.04 LTS
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
841,810 hrs @ 25°C; 642,344 hrs @ 45°C; 482,909 hrs @ 60°C excluding accessories
Calculation Model: Telcordia Issue 4
Environment: GB, GC – Ground Benign, Controlled
MECHANISM
Dimensions
1.8" SBC Form Factor
84mm (3.31") x 55mm (2.17")
Height
PCB: 1.60mm
Top Side: TBD, Bottom Side: TBD
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC, RoHS, UKCA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com