Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST6360L Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # FST6360L
Description  SCHOTTKY DIODES MODULE TYPE 60A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

FST6360L Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  FST6360L Datasheet HTML 1Page - TRANSYS Electronics Limited FST6360L Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to
+125
Storage Temperature: -40 C to
+125
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
60A
TC =105
Peak Forward Surge
Current
IFSM
600A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
IR
mA
TJ = 25
TJ =
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.027
D
E
F
G
J
.695
M
.230
H
N
.200
NOM
.240
Types Up to 100 V VRRM
Maximum Thermal
Resistance Junction
To Case
R j c
C/W
K
L
2PL
.037
.088
1.490
.098
.370
.350
1.510
.715
.065
.115
.151
.260
.135
.085
.250
.161
5.08
0.69
2.24
8.89
37.85
17.65
6.10
2.92
5.84
1.65
0.38
NOM
0.94
2.49
9.40
38.35
18.16
6.60
3.43
6.35
2.16
0.64
L
L
J
J
G
G
D
D
K
K
C
C
29.97
30.35
1.195
1.180
.124
.104
2.64
3.15
H
H
3.84
4.09
.025
.015
P
1
1
2
2
3
3
10V
15V
20V
30V
35V
40V
10V
mA
125
3.0
500
1.2
(Per pkg)
(Per leg)
(Per leg)
(Per leg)
45V
60V
80V
100V
10V
14V
21V
25V
28V
7V
32V
42V
56V
10V
15V
20V
30V
35V
40V
10V
45V
60V
80V
70V
100V
FST6310L
FST6315L
FST6320L
FST6330L
FST6335L
FST6340L
FST6345L
FST6360L
FST6380L
FST63100L
MINI MOD
D61-3L
60Amp Rectifier
10-100 Volts
SCHOTTKY DIODES MODULE TYPE 60A
FST6310L
THRU
FST63100L
M
M
P
P
E
E
B
B
F
F
1
1
2
2
3
3
A
A
N
N
0.55V
IFM = 30 A; T = 25
0.75V
0.84V
j
(FST6310L~FST6345L)
(FST6360L)
(FST6380L~FST63100L)
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Transys
Electronics
LI M ITE D


Similar Part No. - FST6360L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FST6360M TEL-FST6360M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
logo
GeneSiC Semiconductor, ...
FST6360M GENESIC-FST6360M Datasheet
553Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
FST6360SL TEL-FST6360SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6360SM TEL-FST6360SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
More results

Similar Description - FST6360L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6210SL TEL-FST6210SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310M TEL-FST6310M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310SL TEL-FST6310SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST6310SM TEL-FST6310SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com