Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST7360L Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # FST7360L
Description  SCHOTTKY DIODES MODULE TYPE 70A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

FST7360L Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  FST7360L Datasheet HTML 1Page - TRANSYS Electronics Limited FST7360L Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to
+175
Storage Temperature: -40 C to
+175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
70A
TC =100
Peak Forward Surge
Current
IFSM
800A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
IR
mA
TJ = 25
TJ =
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.027
D
E
F
G
J
.695
M
.230
H
N
.200
NOM
.240
Types Up to 100V VRRM
Maximum Thermal
Resistance Junction
To Case
R j c
C/W
K
L
2PL
.037
.088
1.490
.098
.370
.350
1.510
.715
.065
.115
.151
.260
.135
.085
.250
.161
5.08
0.69
2.24
8.89
37.85
17.65
6.10
2.92
5.84
1.65
0.38
NOM
0.94
2.49
9.40
38.35
18.16
6.60
3.43
6.35
2.16
0.64
L
L
J
J
G
G
D
D
K
K
C
C
29.97
30.35
1.195
1.180
.124
.104
2.64
3.15
H
H
3.84
4.09
.025
.015
P
1
1
2
2
3
3
20V
30V
35V
40V
mA
125
5.0
500
1.2
(Per pkg)
(Per leg)
(Per leg)
(Per leg)
45V
60V
80V
100V
14V
21V
25V
28V
32V
42V
56V
20V
30V
35V
40V
45V
60V
80V
70V
100V
FST7320L
FST7330L
FST7335L
FST7340L
FST7345L
FST7360L
FST7380L
FST73100L
0.55V
IFM = 35 A; T = 25
0.75V
0.84V
j
(FST7320L~FST7345L)
(FST7360L)
(FST7380L~FST73100L)
SCHOTTKY DIODES MODULE TYPE 70A
FST7320L
THRU
FST73100L
MINI MOD
D61-3L
70Amp Rectifier
20-100 Volts
M
M
P
P
E
E
B
B
F
F
1
1
2
2
3
3
A
A
N
N
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Transys
Electronics
LI M ITE D


Similar Part No. - FST7360L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FST7360M TEL-FST7360M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
logo
GeneSiC Semiconductor, ...
FST7360M GENESIC-FST7360M Datasheet
490Kb / 3P
Silicon Power Schottky Diode
logo
TRANSYS Electronics Lim...
FST7360SL TEL-FST7360SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7360SM TEL-FST7360SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
More results

Similar Description - FST7360L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SM TEL-FST7320SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST16020 TEL-FST16020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
FSTI10020 TEL-FSTI10020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 100A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com