Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16020 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # FST16020
Description  SCHOTTKY DIODES MODULE TYPE 160A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

FST16020 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  FST16020 Datasheet HTML 1Page - TRANSYS Electronics Limited FST16020 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings
Operating Temperature: -40 C to +125
Storage Temperature: -40 C to +175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
160A
TC =115
Peak Forward Surge
Current
IFSM
1200A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
I FM =80A;
T
= 25
TJ = 25
Maximum Thermal
Resistance Junction
To Case
(Per Pkg)
FST16020
FST16030
FST16035
FST16040
FST16045
FST16060
FST16080
FST160100
20V
30V
100V
80V
60V
45V
40V
35V
14V
21V
70V
56V
42V
32V
28V
25V
20V
30V
100V
80V
60V
45V
40V
35V
(Per leg)
(Per leg)
TJ = 125
IR
mA
C/W
mA
2
200
1.0
j
VF
0.65V
0.75V
0.84V
(FST16020~FST16045)
(FST16060)
(FST16080~FST160100)
R j c
(Per leg)
Features
High Surge Capability
Types Up to 100V VRRM
SCHOTTKY DIODES MODULE TYPE 160A
FST16020
THRU
FST160100
160Amp Rectifier
20-100 Volts
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.495
12.57
D
E
F
G
37.90
J
1.495
2.90
M
-----
-----
N
P
.300
.325
7.62
8.26
.114
J
J
H
H
K
K
P
P
G
G
F
F
H
R
K
L
Q
1.995
.182
.990
2.390
.240
.890
.490
.330
.175
.445
.035
2.005
.505
.192
1.010
2.410
1.525
.122
0.420
.260
.510
.350
.195
.045
.455
.910
50.67
60.71
25.15
4.62
6.10
22.61
11.30
0.89
4.45
8.38
12.45
50.93
12.83
4.88
26.65
61.21
38.70
3.10
8.90
12.95
6.60
10.67
4.95
1.14
11.56
23.11
D
D
A
A
B
B
E
E
L
L
C
C
R
R
M
M
Q
Q
N
N
POWER MOD
TO-249AB
PIN 1
PIN 2
PIN 2 and Plate
1
2
3
Transys
Electronics
LI M ITE D


Similar Part No. - FST16020

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16020 MCC-FST16020 Datasheet
133Kb / 3P
160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
List of Unclassifed Man...
FST16020 ETC2-FST16020 Datasheet
415Kb / 2P
Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16020 GENESIC-FST16020 Datasheet
369Kb / 3P
Silicon Power Schottky Diode
FST16020 GENESIC-FST16020 Datasheet
608Kb / 3P
Silicon Power Schottky Diode
FST160200 GENESIC-FST160200 Datasheet
363Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST16020

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FSTI10020 TEL-FSTI10020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 100A
FSTI16020 TEL-FSTI16020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
MBR12020 TEL-MBR12020 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com