Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST8380M Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # FST8380M
Description  SCHOTTKY DIODES MODULE TYPE 80A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

FST8380M Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  FST8380M Datasheet HTML 1Page - TRANSYS Electronics Limited FST8380M Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to
+175
Storage Temperature: -40 C to
+175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
60A
TC =110
Peak Forward Surge
Current
IFSM
600A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
VF
IR
mA
TJ = 25
TJ =
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.027
D
E
F
G
J
.695
M
.457
N
P
.200
NOM
.240
Types Up to 100 V VRRM
Maximum Thermal
Resistance Junction
To Case
R j c
/W
K
L
2PL
1.180
1.195
.037
.088
1.490
.098
.370
.350
1.510
.715
.065
.151
.115
.015
.260
.135
.477
.085
.161
.025
5.08
29.97
0.69
2.24
8.89
37.85
17.65
6.10
2.92
11.61
1.65
3.84
0.38
NOM
30.35
0.94
2.49
9.40
38.35
18.16
6.60
3.43
12.12
2.16
4.09
0.64
J
J
G
G
D
D
K
K
C
C
FST8340M
FST8320M
FST8330M
FST8335M
FST8345M
FST8360M
FST8380M
FST83100M
20V
30V
35V
40V
45V
60V
80V
100V
14V
21V
25V
28V
32V
42V
20V
30V
35V
40V
45V
60V
56V
70V
100V
80V
m A
1.5
1
1
2
2
3
3
125
500
(Per pkg)
(Per leg)
(Per leg)
(Per leg)
1.2
0.65V
I FM = 40 A; T
= 25
0.75V
0.84V
j
(FST8320M~FST8345M)
(FST8360M)
(FST8380M~FST83100M)
MINI MOD
D61-3M
80Amp Rectifier
20-100 Volts
SCHOTTKY DIODES MODULE TYPE 80A
FST8320M
THRU
FST83100M
M
M
P
P
E
E
B
B
L
L
F
F
A
A
N
N
33
11
22
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Transys
Electronics
LI M ITE D


Similar Part No. - FST8380M

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
FST8380M GENESIC-FST8380M Datasheet
404Kb / 3P
Silicon Power Schottky Diode
FST8380M GENESIC-FST8380M Datasheet
360Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST8380M

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST8220L TEL-FST8220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST8220SL TEL-FST8220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST8320L TEL-FST8320L Datasheet
147Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST8320SM TEL-FST8320SM Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com