Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01693 Datasheet(PDF) 1 Page - Evolt

Part # 01693
Description  LEDFIRE ADV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

01693 Datasheet(HTML) 1 Page - Evolt

  01693 Datasheet HTML 1Page - Evolt 01693 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEDFIRE ADV
Advanced Emergency Luminaire
Non-maintained operation
Soft-start charger to reduce building load
Lowest energy consumption (avg. <0.25W)
Fast emergency switch-over (<0.5s) for high-task areas
Long life electronics
8 years design life at max. ambient
High Quality Lithium battery (LiFePO4) and smart charger
Standalone (SPU)
Self test (AS2293/ IEC62034)
DALI (IEC62386)
Ektor wired monitored system
ORDERING INFORMATION
Order code
01693
Description
Ledfire Advanced Emergency
Luminaire DALI - D63 - W/F&P
Driver Type
DALI DT1 Emergency
Item Code
EV-LEDFIRE-ADV-DA
MECHANICAL
Body Material
Polycarbonate
Fitting Colour
White
Installation Type
Recessed
IP Rating
IP44 Front Face Only
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Maximum Wattage
2.5 W
Standby Power
0.25 W
Standby power for non-maintained/switched maintained emergency devices is
measured when the light is off and the charger is in standby mode. For
maintained emergency devices, standby power is measured when the light is on
and the charger is in standby mode. Typically, charging occurs for the first 16
hours after the device is powered or after a battery discharge.
Working Temp Range
0 to 40 °C
DRIVER
Dimmable
No
Driver Included
Yes
Driver Type
DALI DT1 Emergency
Flex & Plug or Lead Length
1200 mm
Wiring Type
Re-wireable Flex & Plug (2 pin)
EMERGENCY (EM SUFFIX)
Replacement Battery Code
01302
Emergency Classification
C0:D63, C90:D63
Emergency Control
DALI Monitored (DT1)
DALI Monitored ~ Supports Emergency test and monitoring over DALI
(IEC62386) with full compliance to IEC62386-202.
Emergency Duration
90 mins
Emergency Lumen Output
330 lm
Emergency Mode
Non-Maintained
Emergency Output Power
2100 mW
COMPLIANCE
Product Design Life
8 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Standards
AS/NZS 60598.1
AS 60598.2.22
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
AS/NZS 2293.3
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 01693

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0169300000 WEIDMULLER-0169300000 Datasheet
55Kb / 1P
Terminal rail
More results

Similar Description - 01693

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
ADV001-00E RHOPOINT-ADV001-00E Datasheet
245Kb / 3P
ADV Sensors
logo
PHOENIX CONTACT
1404225 PHOENIX-1404225 Datasheet
70Kb / 5P
Housing - HC-ADV-B06-HHWH-1TGM25-PL
1404229 PHOENIX-1404229 Datasheet
71Kb / 5P
Housing - HC-ADV-B10-HHWH-1TGM32-PL
1404235 PHOENIX-1404235 Datasheet
70Kb / 5P
Housing - HC-ADV-B24-HHWH-1TGM32-PL
1408614 PHOENIX-1408614 Datasheet
59Kb / 3P
Housing - HC-ADV-B06-BHFH-EEE
1408711 PHOENIX-1408711 Datasheet
57Kb / 3P
Housing - HC-ADV-B10-BHFH-EEE
1408795 PHOENIX-1408795 Datasheet
58Kb / 3P
Housing - HC-ADV-B10-CHFH-1TTM25-EEE
1408818 PHOENIX-1408818 Datasheet
57Kb / 3P
Housing - HC-ADV-B16-BHFH-EEE
1408915 PHOENIX-1408915 Datasheet
57Kb / 3P
Housing - HC-ADV-B24-BHFH-EEE
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV_V01 Datasheet
154Kb / 1P
PM-35LC-ADV series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com