Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST20045 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # FST20045
Description  SCHOTTKY DIODES MODULE TYPE 200A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

FST20045 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  FST20045 Datasheet HTML 1Page - TRANSYS Electronics Limited FST20045 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings
Operating Temperature: -40 C to +175
Storage Temperature: -40 C to +175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
200A
TC =126
Peak Forward Surge
Current
IFSM
1500A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
Maximum Thermal
Resistance Junction
To Case
(Per Pkg)
FST20035
FST20040
FST20045
45V
40V
35V
32V
28V
25V
45V
40V
35V
(Per leg)
(Per leg)
Features
High Surge Capability
Types Up to 45V VRRM
SCHOTTKY DIODES MODULE TYPE 200A
FST20020
THRU
FST20045
200Amp Rectifier
20-45 Volts
VF
0.70V
IR
mA
TJ = 25
R j c
C/W
mA
4
600
TJ = 125
1.0
TJ = 25
IFM =100 A;
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
FST20020
20V
14V
20V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.495
12.57
D
E
F
G
37.90
J
1.495
2.90
M
-----
-----
N
P
.300
.325
7.62
8.26
.114
J
J
H
H
K
K
P
P
G
G
F
F
H
R
K
L
Q
1.995
.182
.990
2.390
.240
.890
.490
.330
.175
.445
.035
2.005
.505
.192
1.010
2.410
1.525
.122
0.420
.260
.510
.350
.195
.045
.455
.910
50.67
60.71
25.15
4.62
6.10
22.61
11.30
0.89
4.45
8.38
12.45
50.93
12.83
4.88
26.65
61.21
38.70
3.10
8.90
12.95
6.60
10.67
4.95
1.14
11.56
23.11
D
D
A
A
B
B
E
E
L
L
C
C
R
R
M
M
Q
Q
N
N
POWER MOD
TO-249AB
PIN 1
PIN 2
PIN 2 and Plate
1
2
3
Transys
Electronics
LI M ITE D


Similar Part No. - FST20045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST20045 MICROSEMI-FST20045 Datasheet
143Kb / 2P
Schottky PowerMod
FST20045 MICROSEMI-FST20045 Datasheet
120Kb / 2P
Schottky PowerMod
More results

Similar Description - FST20045

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
MBRF20020 TEL-MBRF20020 Datasheet
124Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
MBR20020 TEL-MBR20020 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
MBR20020CT TEL-MBR20020CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com