Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF0G331MCL1GS Datasheet(PDF) 2 Page - Nichicon corporation

Part # PCF0G331MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCF0G331MCL1GS Datasheet(HTML) 2 Page - Nichicon corporation

  PCF0G331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCF0G331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CF
series
Standard ratings
No marked,
will be put at 12th digit of type numbering system.
: In this case,
will be put at 12th digit of type numbering system.
6
1
Taping specifications are given in page 24.
Recommended land size, soldering by reflow are given
in page 25, 26.
Please refer to page 3 for the minimum order quantity.
Rated Ripple (mArms) at 105°C 100kHz
2.5
(0E)
4
(0G)
6.3
(0J)
10
(1A)
16
(1C)
20
(1D)
25
(1E)
Rated Capacitance
(µF)
Case Size
φD
×L (mm)
tan
δ
Leakage Current
(µA)
ESR (m
Ω)
(at 100kHz 20˚C)
Rated ripple
(mArms)
Rated Voltage (V)
(code)
100
220
470
820
1500
100
150
220
330
470
680
820
82
100
120
150
220
330
470
470
680
47
56
120
150
150
270
330
470
560
33
39
56
82
150
180
220
22
39
68
82
120
6.8
10
22
47
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
100
110
235
410
750
80
120
176
264
376
544
656
103
126
151
189
277
416
592
592
856
94
112
240
300
300
540
660
940
1120
106
124
179
262
480
576
704
88
156
272
328
480
85
125
275
587
22
20
20
17
13
22
22
21
21
17
17
13
23
23
23
22
22
18
18
16
14
26
25
23
23
21
20
20
16
15
31
31
30
28
25
25
20
50
45
40
40
35
80
60
50
45
2600
2800
3300
4400
4700
2600
2800
3200
3400
4200
4400
4800
2600
2800
3000
3200
3400
4200
4300
4600
5000
2600
2500
3000
3200
3300
3600
3700
4600
4800
2400
2400
2900
3200
3500
3600
3900
1700
2000
2600
2600
2800
1200
1600
2200
2400
Part Number
PCF0E101MCL1GS
PCF0E2211MCL1GS
PCF0E471MCL1GS
PCF0E821MCL1GS
PCF0E152MCL1GS
PCF0G101MCL1GS
PCF0G151MCL1GS
PCF0G221MCL1GS
PCF0G331MCL1GS
PCF0G471MCL1GS
PCF0G681MCL1GS
PCF0G821MCL1GS
PCF0J820MCL1GS
PCF0J101MCL1GS
PCF0J121MCL1GS
PCF0J151MCL1GS
PCF0J221MCL1GS
PCF0J331MCL1GS
PCF0J471MCL6GS
PCF0J471MCL1GS
PCF0J681MCL1GS
PCF1A470MCL1GS
PCF1A560MCL1GS
PCF1A121MCL1GS
PCF1A151MCL6GS
PCF1A151MCL1GS
PCF1A271MCL1GS
PCF1A331MCL1GS
PCF1A471MCL1GS
PCF1A561MCL1GS
PCF1C330MCL1GS
PCF1C390MCL1GS
PCF1C560MCL1GS
PCF1C820MCL1GS
PCF1C151MCL1GS
PCF1C181MCL1GS
PCF1C221MCL1GS
PCF1D220MCL1GS
PCF1D390MCL1GS
PCF1D680MCL1GS
PCF1D820MCL1GS
PCF1D121MCL1GS
PCF1E6R8MCL1GS
PCF1E100MCL1GS
PCF1E220MCL1GS
PCF1E470MCL1GS
6.3
× 6
6.3
× 6
8
× 7
10
× 8
10
× 10
6.3
× 6
6.3
× 6
8
× 7
8
× 7
10
× 8
10
× 8
10
× 10
6.3
× 6
6.3
× 6
6.3
× 6
8
× 7
8
× 7
10
× 8
10
× 8
10
× 10
10
× 10
6.3
× 6
6.3
× 6
8
× 7
8
× 7
10
× 8
10
× 8
10
× 8
10
× 10
10
× 10
6.3
× 6
6.3
× 6
8
× 7
8
× 7
10
× 8
10
× 8
10
× 10
6.3
× 6
8
× 7
10
× 8
10
× 8
10
× 10
6.3
× 6
8
× 7
10
× 8
10
× 10
CAT.8100V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com