Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17569 Datasheet(PDF) 1 Page - Evolt

Part # 17569
Description  LEDFIRE INBUILT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

17569 Datasheet(HTML) 1 Page - Evolt

  17569 Datasheet HTML 1Page - Evolt 17569 Datasheet HTML 2Page - Evolt 17569 Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LEDFIRE INBUILT
Emergency Kit for OEM
ORDERING INFORMATION
Order code
17570
Description
Ledfire Pro OEM Kit D32 White
Driver Type
DALI DT1 Emergency
Item Code
EV-LEDFIRE-OEM-PRO
MECHANICAL
Body Material
Polycarbonate
Fitting Colour
White
Installation Type
Recessed
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Maximum Wattage
2 W
Standby Power
0.25 W
Standby power for non-maintained/switched maintained emergency devices is
measured when the light is off and the charger is in standby mode. For
maintained emergency devices, standby power is measured when the light is on
and the charger is in standby mode. Typically, charging occurs for the first 16
hours after the device is powered or after a battery discharge.
Working Temp Range
0 to 40 °C
LAMP
Lamp/LED Current
130 mA
Lamp/LED voltage
9 V
DRIVER
Driver Included
Yes
Driver Type
DALI DT1 Emergency
Wiring Type
Re-wireable terminal block (5
pin)
EMERGENCY (EM SUFFIX)
Replacement Battery Code
01302
Emergency Classification
C0:D32, C90:D32
Emergency Control
DALI Monitored (DT1)
DALI Monitored ~ Supports Emergency test and monitoring over DALI
(IEC62386) with full compliance to IEC62386-202.
Emergency Duration
90 mins
Emergency Lumen Output
208 lm
Emergency Mode
Non-Maintained
Emergency Output Power
1200 mW
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 17569

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17569 ETC2-17569 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Evolt
17569 EKTOR-17569 Datasheet
102Kb / 1P
LEDFIRE OEM PRO ACCESSORIES
7th of February 2025 04:46:01
logo
List of Unclassifed Man...
1756910C3 ETC2-1756910C3 Datasheet
65Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1756913 PHOENIX-1756913 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 6-G PIN 18,6
1756951 PHOENIX-1756951 Datasheet
55Kb / 4P
Printed-circuit board connector - MSTBV 2,5/20-GF-5,08 15PA
More results

Similar Description - 17569

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B Datasheet
266Kb / 19P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
October, 2008 ??Rev. 1
NCP1393B ONSEMI-NCP1393B Datasheet
244Kb / 16P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
October, 2008 ??Rev. 1
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com