Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1A331MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCF1A331MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCF1A331MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  PCF1A331MCL1GS Datasheet HTML 1Page - Nichicon corporation PCF1A331MCL1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CF
series
Chip Type, Standard
Specifications
Characteristics of Temperature
Impedance Ratio
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
tan
δ
ESR (1)
Leakage Current (
2)
Performance Characteristics
Item
– 55 ~ +105°C
2.5 ~ 25V
6.8 ~ 1500µF
± 20% at 120Hz, 20°C
Not more than value of Standard ratings at 120Hz, 20°C
Not more than value of Standard ratings at 100kHz, 20°C
Not more than value of Standard ratings.
After 2 minute's application of rated voltage.
20°C
Z+105°C / Z+20°C
1.25
(100kHz)
Z
– 55°C / Z+20°C
1.25
Endurance
Damp Heat
Resistance to
Soldering Heat
Marking
After 2000 hours' application of rated voltage
at 105°C, capacitors meet the specified value
for life characteristics listed at right.
After 1000 hours' application of rated voltage
at 60°C 90%RH, capacitors meet the specified value
for life characteristics listed at right.
To comply with recommended conditions for
reflow soldering. Pre-heating shall be done
at 150 ~ 200°C and for 60 ~ 180 sec.
In the case of peak temp, less than 250°C,
reflow soldering shall be within two times.
In the case of peak temp, less than 260°C,
reflow soldering shall be once.
Measurement for solder temperature profile shall
be made at the capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 20% of initial value (
3)
150% or less of the initial specified value
150% or less of the initial specified value
Initial specified value or less
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 20% of initial value (
3)
150% or less of the initial specified value
150% or less of the initial specified value
Initial specified value or less
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 10% of initial value (
3)
130% or less of the initial specified value
130% or less of the initial specified value
Initial specified value or less
Ultra Low ESR, High ripple current.
Load life of 2000 hours at 105°C.
SMD type : Lead free reflow soldering condition at 260°C peak
correspondence.
Adapted to the RoHS directive (2002/95/EC).
1 ESR measurements should be made at a point on the terminal nearest where the terminals protrude through the plastic platform.
2 Conditioning : If there is doubt about the measured result, measurement should be made again after the rated voltage is applied for 120 minutes at the
temperature of 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
H
0.3 MAX.
C±0.2
L
Series
Voltage ( j:6.3v)
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Dimensions
Type numbering system (Example : 6.3V 150µF)
Voltage
V
2.5
4
6.3
10
16
20
25
Code
e
g
j
A
C
D
E
Size
φD
L
A
B
C
E
H
φ6.3
× 6L
6.3
5.9
7.3
6.6
6.6
2.1
0.5 ~ 0.8
φ8
× 7L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 ~ 1.1
φ10
× 8L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 ~ 1.1
φ10
× 10L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 ~ 1.1
(mm)
Dimension table in next page.
CAT.8100V


Similar Part No. - PCF1A331MCL1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
PCF1A331MCL1GS NICHICON-PCF1A331MCL1GS Datasheet
61Kb / 3P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PCF1A331MCL1GS NICHICON-PCF1A331MCL1GS Datasheet
1Mb / 3P
Chip Type, Standard
More results

Similar Description - PCF1A331MCL1GS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com