Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTI10030 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # FSTI10030
Description  SCHOTTKY DIODES MODULE TYPE 100A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

FSTI10030 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  FSTI10030 Datasheet HTML 1Page - TRANSYS Electronics Limited FSTI10030 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
High Surge Capability
Maximum Ratings
Operating Temperature: -40 C to +125
Storage Temperature: -40 C to +175
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
100A
TC =100
Peak Forward Surge
Current
IFSM
1000A
8.3ms , half sine
Maximum
Instantaneous
Forward Voltage
Types Up to 100V VRRM
Maximum Thermal
Resistance Junction
To Case
SCHOTTKY DIODES MODULE TYPE 100A
(Per Pkg)
FSTI10020
FSTI10030
FSTI10035
FSTI10040
FSTI10045
FSTI10060
FSTI10080
FSTI100100
20V
30V
100V
80V
60V
45V
40V
35V
14V
21V
70V
56V
42V
32V
28V
25V
20V
30V
100V
80V
60V
45V
40V
35V
(Per leg)
(Per leg)
VF
0.63V
I FM =50A;
T
= 25
IR
mA
TJ = 25
R j c
C/W
mA
2
600
TJ = 125
1.0
j
0.75V
0.84V
(FSTI10020~FSTI10045)
(FSTI10060)
(FSTI10080~FSTI100100)
(Per leg)
FSTI10020
THRU
FSTI100100
100Amp Rectifier
20-100 Volts
Pulse Test: Pulse Width 300 usec,Duty Cycle
2%
NOTE :
(1)
<
NOTE (1)
Voltage
(Per leg)
Maximum
Instantaneous
Reverse Current At
Rated DC Blocking
NOTE (1)
Isolated heatsink
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
.495
12.57
D
E
F
G
37.90
J
1.495
2.90
M
-----
-----
N
P
.300
.325
7.62
8.26
.114
J
J
H
H
K
K
P
P
G
G
F
F
H
R
K
L
Q
1.995
.182
.990
2.390
.240
.890
.490
.330
.175
.445
.035
2.005
.505
.192
1.010
2.410
1.525
.122
0.420
.260
.510
.350
.195
.045
.455
.910
50.67
60.71
25.15
4.62
6.10
22.61
11.30
0.89
4.45
8.38
12.45
50.93
12.83
4.88
26.65
61.21
38.70
3.10
8.90
12.95
6.60
10.67
4.95
1.14
11.56
23.11
D
D
A
A
B
B
E
E
L
L
C
C
R
R
M
M
Q
Q
N
N
POWER MOD
TO-249AA
PIN 1
PIN 2
PI N 2
1
2
3
Transys
Electronics
LI M ITE D


Similar Part No. - FSTI10030

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI120100 TEL-FSTI120100 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
FSTI12030 TEL-FSTI12030 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
FSTI12035 TEL-FSTI12035 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
FSTI12040 TEL-FSTI12040 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
More results

Similar Description - FSTI10030

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST10020 TEL-FST10020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 100A
FST16020 TEL-FST16020 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
MBR12020 TEL-MBR12020 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 120A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com