Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # LL4148
Description  HIGH SPEED SILICON SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

LL4148 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  LL4148 Datasheet HTML 1Page - TRANSYS Electronics Limited LL4148 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LL4148
LL4448
SOD - 80C
Mini MELF (LL- 34 )
All dimensions are in mm
SOD 80C (LL-34) Mini MELF Hermetically Sealed Glass Package
TAPE & REEL
De-reeling direction
De-reeling direction
Tape leader/carrier leader
Carrier trailer
Notes :-
1. M aximum of 0.5%of the
total number of components
per reel may be missing-
exclusively at the beginning
and at the end of the reel.
2. A maximum of three
consecutive components
may be missing, provided
this gap is followed by six
consecutive components.
160mm (40 empty
300mm (75 empty
compartments)
compartments)
2.5
0.3
MAX ø1.6
ø1.4
2.0
3.50
± 0.2
MAX
SOD-80C T&R
2.5K/reel
10K/reel
100 gm/3K pcs
400 gm/10K pcs
3" x 7.5" x 7.5"
13" x 13" x 0.5"
10.0K
10.0K
17" x 15" x 13.5"
17" x 15" x 13.5"
160.0K
300.0K
10 kgs
15 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
3.30 - 3.70
0.30
0.30
R
R0.10
Cathode band
Identification Label
Part Number
Date Code
Quantity
10.4
± 0.5
1.5
120°
180
OR
330
2.0
1.4
330 mm (13")
10,000
180 mm (7")
2,500
Reel ø
No. of Device
8.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com