Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UHC1C331MPD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UHC1C331MPD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHC1C331MPD Datasheet(HTML) 2 Page - Nichicon corporation

  UHC1C331MPD Datasheet HTML 1Page - Nichicon corporation UHC1C331MPD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
HC
series
ALUMINUM ELECTROLYTIC CAPACITORS
Standard ratings
22
33
47
100
220
330
470
1000
220
330
470
101
221
331
471
102
350
350
480
640
910
1230
1650
0.26
0.26
0.15
0.078
0.044
0.030
0.025
5
× 7
5
× 7
6.3
× 7
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
230
350
350
480
910
910
1230
0.49
0.26
0.26
0.15
0.044
0.043
0.030
4
× 7
5
× 7
5
× 7
6.3
× 7
8
× 11.5
8
× 11.5
10
× 12.5
230
350
480
640
910
910
1650
0.48
0.26
0.15
0.077
0.043
0.043
0.024
4
× 7
5
× 7
6.3
× 7
6.3
× 11
8
× 11.5
8
× 11.5
10
× 16
Cap.(µF)
V (Code)
6.3 (0J)
10 (1A)
16 (1C)
Case size
φ D
× L
(mm)
Impedance
(
Ω) MAX.
20˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Case size
φ D
× L
(mm)
Impedance
(
Ω) MAX.
20˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Case size
φ D
× L
(mm)
Impedance
(
Ω) MAX.
20˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Item
Code
4.7
10
22
33
47
100
220
330
4R7
100
220
330
470
101
221
331
230
350
480
480
640
910
1650
0.64
0.33
0.17
0.16
0.089
0.048
0.026
4
× 7
5
× 7
6.3
× 7
6.3
× 7
6.3
× 11
8
× 11.5
10
× 16
230
350
480
480
640
1230
1650
0.52
0.27
0.16
0.15
0.078
0.031
0.026
4
× 7
5
× 7
6.3
× 7
6.3
× 7
6.3
× 11
10
× 12.5
10
× 16
Cap. (µF)
V (Code)
25 (1E)
35 (1V)
Case size
φ D
× L
(mm)
Impedance
(
Ω) MAX.
20˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Case size
φ D
× L
(mm)
Impedance
(
Ω) MAX.
20˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Item
Code
4.7 ~ 33
47 ~ 330
470 ~ 1000
0.68
0.75
0.85
120Hz
1kHz
10kHz
100kHz
0.40
0.47
0.55
0.90
0.95
0.98
1.00
1.00
1.00
Cap. (µF)
Frequency
Frequency coefficient of rated ripple current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com