Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201685 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201685
Description  PCO 22,5-L KMGY - Power connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201685 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201685 Datasheet HTML 1Page - PHOENIX CONTACT 2201685 Datasheet HTML 2Page - PHOENIX CONTACT 2201685 Datasheet HTML 3Page - PHOENIX CONTACT 2201685 Datasheet HTML 4Page - PHOENIX CONTACT 2201685 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Power connector for ME-MAX housing, design width: 22.5 mm, 2-pos., used to transmit a total
current of up to 42 A at 60 V DC.
Your advantages
Distribute high currents between modules
•
Mounting and removal of modules in a group
•
Simplified device system wiring saves money
•
Commercial data
Item number
2201685
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AC08
Product key
ACHADB
Catalog page
Page 38 (NTK-2014)
GTIN
4046356892421
Weight per piece (including packing)
6.18 g
Weight per piece (excluding packing)
6.18 g
Customs tariff number
85369095
Country of origin
PL
PCO 22,5-L KMGY - Power connector
2201685
https://www.phoenixcontact.com/us/products/2201685
Feb 24, 2025, 12:32 AM
Page 1 (5)


Similar Part No. - 2201685

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201684 PHOENIX-2201684 Datasheet
185Kb / 5P
PCO 17,5-L KMGY - Power connector
More results

Similar Description - 2201685

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200740 PHOENIX-2200740 Datasheet
52Kb / 2P
Electronic housing - ME 22,5 UT BUS/102 KMGY
2201732 PHOENIX-2201732 Datasheet
44Kb / 2P
Electronic housing - ME 22,5 TBUS 1,5/4P1S KMGY
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2200315 PHOENIX-2200315 Datasheet
119Kb / 4P
FKDSO 2,5/ 2-L KMGY
2201756 PHOENIX-2201756 Datasheet
62Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS ADAPTER KMGY
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890124 PHOENIX-2890124 Datasheet
50Kb / 2P
Electronic housing - ME BUS 22,5 MC 5-ST KMGY
11/05/2018
2890166 PHOENIX-2890166 Datasheet
51Kb / 2P
Electronic housing - ME MAX B-22,5 KMGY S75
11/05/2018
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com