Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGN2P331MELY35 Datasheet(PDF) 4 Page - Nichicon corporation

Part # LGN2P331MELY35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGN2P331MELY35 Datasheet(HTML) 4 Page - Nichicon corporation

  LGN2P331MELY35 Datasheet HTML 1Page - Nichicon corporation LGN2P331MELY35 Datasheet HTML 2Page - Nichicon corporation LGN2P331MELY35 Datasheet HTML 3Page - Nichicon corporation LGN2P331MELY35 Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CAT.8100V
56
68
82
100
120
150
180
220
270
330
390
470
560
20
× 25
20
× 25
20
× 30
22
× 25
20
× 35
22
× 30
25
× 25
22
× 35
25
× 30
20
× 45
22
× 40
25
× 30
30
× 25
22
× 45
25
× 35
30
× 30
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
440
500
640
640
690
690
690
720
720
790
790
790
790
870
870
870
1050
1050
1050
1230
1230
1230
1380
1380
1610
1610
1780
1990
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.47
0.52
0.57
0.57
0.63
0.63
0.63
0.69
0.69
0.77
0.77
0.77
0.77
0.85
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.15
1.15
1.25
1.25
1.37
1.50
LGN2W560MELY25
LGN2W680MELY25
LGN2W820MELY30
LGN2W820MELZ25
LGN2W101MELY35
LGN2W101MELZ30
LGN2W101MELA25
LGN2W121MELZ35
LGN2W121MELA30
LGN2W151MELY45
LGN2W151MELZ40
LGN2W151MELA30
LGN2W151MELB25
LGN2W181MELZ45
LGN2W181MELA35
LGN2W181MELB30
LGN2W221MELA40
LGN2W221MELB30
LGN2W221MELC25
LGN2W271MELA50
LGN2W271MELB35
LGN2W271MELC30
LGN2W331MELB40
LGN2W331MELC35
LGN2W391MELB50
LGN2W391MELC40
LGN2W471MELC45
LGN2W561MELC50
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD×L(mm)
Cap.(µF)
Frequency coefficient of rated ripple current
Frequency (Hz)
160~250V
350~450V
50
60
120
300
1k
10k
50k~
0.81
0.85
1.00
1.17
1.32
1.45
1.50
0.77
0.82
1.00
1.16
1.30
1.41
1.43
ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
GN
series
Rated Ripple (mArms) at 105°C 120Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com