Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2W331MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # UCS2W331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2W331MHD Datasheet(HTML) 1 Page - Nichicon corporation

  UCS2W331MHD Datasheet HTML 1Page - Nichicon corporation UCS2W331MHD Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100V
CS
series
Miniature Sized, High Ripple Current, Long Life
High ripple current and Long Life product withstanding
load life of 8000 to 10000 hours at +105°C.
Suited for ballast application.
Adapted to the RoHS directive (2002/95/EC).
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
C
2
S
3
2
4
E
5
1
6
0
7
1
8
M
910 11
Capacitance tolerance (±20%)
Rated Capacitance (100µF)
Rated voltage (250V)
H D
12
T
Size code
Series name
Type
BD
P
10
5.0
12.5
5.0
16
7.5
18
7.5
Bd
0.6
0.6
0.8
0.8
L +1.5MAX.
15 MIN
4 MIN
Radial Lead Type
Sleeve (P.E.T.)
Bd
Pressure
relief vent
Type numbering system (Example : 250V 100µF)
Configuration
B D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 ~ 18
HD
Configuration
(mm)
Dimension table in next page.
Please refer to page 21, 22, 23 about the formed or taped product spec.
Please refer to page 3 for the minimum order quantity.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 ~ +105°C (160 ~ 400V) , – 25 ~ +105°C (450V)
160 ~ 450V
6.8 ~ 330µF
± 20% at 120Hz, 20°C
After 1 minutes' application of rated voltage, leakage current is not more than 0.04CV+100 (µA)
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours, and after performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they will meet the specified value for endurance characteristics listed above.
Measurement frequency : 120Hz
Capacitance change
Leakage current
After an application of D.C. bias voltage plus the rated ripple
current for 10000 hours (8000 hours for
φ D =10) at 105°C the
peak voltage shall not exceed the rated D.C. voltage,
capacitors meet the characteristic requirements listed at right.
tan
δ
Within ±20% of initial value
Initial specified value or less
200% or less of initial specified value
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
160
3
6
200
3
6
250
3
6
350
5
6
400
5
6
450
6
--
Measurement frequency : 120Hz,
Temperature : 20°C
Rated voltage (V)
tan
δ (MAX.)
160
0.20
200
0.20
250
0.20
400
0.24
450
0.24
350
0.24
CS
CA
Smaller
• Please refer to page 21 about the end seal configulation.


Similar Part No. - UCS2W331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCS2W330MHD NICHICON-UCS2W330MHD Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
UCS2W330MHD NICHICON-UCS2W330MHD Datasheet
662Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UCS2W330MHD1TN NICHICON-UCS2W330MHD1TN Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
UCS2W330MHD6 NICHICON-UCS2W330MHD6 Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
UCS2W330MHD6 NICHICON-UCS2W330MHD6 Datasheet
662Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCS2W331MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com