Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK701-BC41-RK3568 Datasheet(PDF) 3 Page - DFI Inc

Part # RK701-BC41-RK3568
Description  Rockchip Processor Qseven
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RK701-BC41-RK3568 Datasheet(HTML) 3 Page - DFI Inc

  RK701-BC41-RK3568 Datasheet HTML 1Page - DFI Inc RK701-BC41-RK3568 Datasheet HTML 2Page - DFI Inc RK701-BC41-RK3568 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.dfi.com
SPECIFICATION
SYSTEM
Processor
Rockchip RK3568 quad-core Cortex-A55 @2.0GHz
Rockchip RK3568J quad-core Cortex-A55 @1.8GHz
Memory
2GB/4GB/8GB DDR4 Memory Down 3200MHZ
GRAPHICS
Controller
G52 2EE
Feature
OpenGL ES1.1/2.0/3.0/3.1/3.2, Vulkan 1.1, OpenCL 2.0
Display
1 x eDP/LVDS
1 x DP/TMDS
HDMI: resolution up to 4096 x 2160 @30HZ
LVDS: resolution up to1024 x 600 @60Hz
eDP: resolution up to 3840 x 2160 @60Hz
Dual Displays
eDP/LVDS + DP/TMDS
EXPANSION
Interface
2 x PCIe x1 (Gen 3)
1 x PCIe x1 (Gen 2)
1 x uSD (available upon request)
1 x I2C
2 x SPI (SPI0 set to TPM 2.0)
1 x CAN bus
2 x UART
1 x MIPI-CSI (available upon request)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x RTL8211F-CG
I/O
USB
1 x USB 3.2
4 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s, SATA 1 Co-Lay PCIE Gen 2)
eMMC
Supports up to 128GB eMMC, NC as default
eMMC 5.1, BGA-153 Ball 8~128G(MLC mode)
GPIO
1 x 4-bit GPIO
SECURITY
TPM
TPM 2.0
POWER
Type
5V, 5VSB, VCC_RTC
Consumption
TBD
OS SUPPORT
OS Support (UEFI Only) Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C, -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANICAL
Dimensions
Qseven form factor
70mm (2.76") x 70mm (2.76")
Compliance
Qseven specification revision 2.1
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC Class B, RoHS
PACKING LIST
OPTIONAL ITEMS
ORDERING INFORMATION
Model Name
P/N
CPU
Memory
eDP
USB 3.2
USB 2.0
eMMC
Operating Temp.
RK701-BC41-RK3568
770-RK7011-000G
RK3568
4 GB
LVDS
1
4
16GB
0 to 60°C
RK701-BC81-RK3568
770-RK7011-100G
RK3568
8 GB
LVDS
1
4
16GB
0 to 60°C
RK701-TC81-RK3568J
770-RK7011-200G
RK3568J
8 GB
LVDS
1
4
16GB
-40 to 85°C
• 1 RK700 board
• 1 Heat sink
• Qseven Carrier Board
• Heat spreader
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © October 31, 2024 DFI Inc.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com