Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM641-CS Datasheet(PDF) 4 Page - DFI Inc

Part # RM641-CS
Description  9th/8th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641-CS Datasheet(HTML) 4 Page - DFI Inc

  RM641-CS Datasheet HTML 1Page - DFI Inc RM641-CS Datasheet HTML 2Page - DFI Inc RM641-CS Datasheet HTML 3Page - DFI Inc RM641-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © February 3, 2024 DFI Inc.
ORDERING INFORMATION
Model Name
Part Number
Description
RM641-CS632
750-RM6413-000G
RM641-CS632: 4U Rackmount System CS632-C246CRM, 500W, CPU cooler (95W), 3.5" to 2.5" bracket
F/G RoHS
•
1 RM641-CS System Unit
•
1 CPU Cooler (LGA115x, 95-125W)
•
2 SATA Cable (500mm, with Lock)
•
2 System Fan (92mm, 51.0CFM ea)
PACKING LIST



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com