Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPS100 Datasheet(PDF) 2 Page - DFI Inc

Part # RPS100
Description  14th/13th/12th Gen Intel® CoreTM Mini-ITX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RPS100 Datasheet(HTML) 2 Page - DFI Inc

  RPS100 Datasheet HTML 1Page - DFI Inc RPS100 Datasheet HTML 2Page - DFI Inc RPS100 Datasheet HTML 3Page - DFI Inc RPS100 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Intel®
R680E/
Q670E/
H610E
Chipset
Channel A
SATA 3.0
SMBus
SPI
eSPI
DDI
Re-driver DDI
DDI
HDA
Front Audio
DDR5 4800MHz SODIMM
SATA 2x
8-bit DIO
TCA6408A
SPI BIOS
80 port Header
SMBus Header
TPM 2.0
NPCT750AAD
IT6516
VGA
HDMI
DP++
Realtek
ALC888
Super IO
with WDT
Fan Control
Case Open
H/W Monitor
DMI 4.0
Intel®
14th/13th/12th
Gen
LGA 1700
Channel B DDR5 4800MHz SODIMM
USB 3.2 Gen2
USB 3.2 Gen2
USB 3.2 Gen2
USB 3.2 Gen2
USB 2.0
USB 2.0
USB 2.0
RJ45
2.5G LAN 1
+
USB 3.2 Gen1 2x
USB 3.2 Gen2 2x
USB 3.2 Gen1 2x
USB 2.0 2x
RJ45
2.5G LAN 2
+
USB 3.2 Gen1 2x
PCIe Gen3x1
PCIe Gen3x1
eSPI
I226LM
I226LM
I226V
I226V
MDI
MDI
USB 2.0
USB 2.0 2x
PCIe Gen5
PCIe Gen3x4
CNVi
SATA 3.0
PCIe Gen3x1
USB 2.0
DDI
PCIe x16
MUX
M.2 E Key 2230
M.2 M Key 2280
M.2A Key 3042
Display Card
RS232/422/485 2x
PCIe Gen3x1
Q670E Only
R680E Only
H610E Only
10
170
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com